Electronic Components Datasheet Search
  English  ▼

X  

SCG4503 Datasheet(PDF) 3 Page - Connor-Winfield Corporation

Part # SCG4503
Description  Synchronous Clock Generator
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CONNOR-WINFIELD [Connor-Winfield Corporation]
Direct Link  http://www.conwin.com
Logo CONNOR-WINFIELD - Connor-Winfield Corporation

SCG4503 Datasheet(HTML) 3 Page - Connor-Winfield Corporation

  SCG4503 Datasheet HTML 1Page - Connor-Winfield Corporation SCG4503 Datasheet HTML 2Page - Connor-Winfield Corporation SCG4503 Datasheet HTML 3Page - Connor-Winfield Corporation SCG4503 Datasheet HTML 4Page - Connor-Winfield Corporation SCG4503 Datasheet HTML 5Page - Connor-Winfield Corporation SCG4503 Datasheet HTML 6Page - Connor-Winfield Corporation SCG4503 Datasheet HTML 7Page - Connor-Winfield Corporation SCG4503 Datasheet HTML 8Page - Connor-Winfield Corporation SCG4503 Datasheet HTML 9Page - Connor-Winfield Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
Data Sheet #: SG082
Page 3 of 16
Rev: 00
Date: 06/17/05
© Copyright 2005 The Connor-Winfield Corp.
All Rights Reserved Specifications subject to change without notice
NOTES:
1.0
Operation of the device at these or any other condition beyond those listed under Operating Specifications is not implied.
Exposure to Absolute Maximum Rating conditions for extended periods of time may affect device reliability.
2.0
Requires external regulation and supply decoupling. (22 uF, 330 pF)
3.0
3db loop response.
4.0
50-ohm load biased to 1.3 volts.
5.0
Entry into Free Run doesn’t meet requirement for initial 2.33 seconds of self-timing.
6.0
The wider bandwidth of this model may result in a break in the GR-253-CORE, R5-135 Switching Mask for observation times of <50ms
7.0
Under rapidly changing input conditions. (-11ppm to +11ppm)
Operating Specifications
Table 2
Symbol
Parameter
Minimum
Nominal
Maximum
Units
Notes
R
IN
Input Reference Frequency (CMOS)
-
8
-
kHz
f
OUT
Output Frequency (LVPECL)
-
155.52
-
MHz
V
cc
Power Supply Voltage
3.135
3.3
3.465
Volts
2.0
I
cc
Power Supply Current
-
250
300
mA
5.0
T
o
Temperature Range
0
-
70
°C
F
fr
Free Run Frequency Range
-20
-
20
ppm
Φ
gain
Phase Gain
-
-
0.2
dB@~0.1Hz
F
cap
Capture/pull-in range
-25
-
25
ppm
F
bw
Jitter Filter Bandwidth
27
-
64
Hz
3.0
t
jtol
Input Jitter Tolerance
31.25
-
-
µs
8 kHz Ref. units
(Input Jitter Frequencies
≥ 10 Hz)
t
aq
Typical Acquisition Time Data
Acquisition from a cold power-up:
Phase lock within 12ns:
<3
sec.
Phase lock settled:
<3
sec.
Alarm time:
<1
sec.
Acquisition from Free Run:
Phase lock within 12ns:
<3
sec.
Phase lock settled:
<3
sec.
Alarm time:
1
sec.
Frequency lock with a 20PPM reference frequency step: Typically 30ms.
Phase lock during a switch between equal frequency references: Typically 0.1s, no alarm should be issued
t
rf
Output Rise and Fall Time (20% 80%)
100
225
350
ps
4.0
DC
Output Duty Cycle
40
50
60
%
MTIE
sr
MTIE at Synchronization Rearrangement
GR-253-CORE.1999 R5-135
5.0,6.0
Dynamic Offset Range (0°- 70°)
-
-
20
ns
Dynamic Offset Range (25°- 70°)
-
-
13
ns
Unit to Unit Phase Differential
-
-
100
ns
7.0
Output Jitter Specifications
Table 3
Jitter BW 10 Hz - 1 MHz
SONET Jitter BW 12 kHz - 20 MHz
Frequency (MHz)
pS (RMS)
m UI
pS (RMS)
m UI
155.52
20 Typ.
3.110 Typ.
1 Max.
0.156 Max.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com