Electronic Components Datasheet Search
  English  ▼

X  

SCG4503 Datasheet(PDF) 7 Page - Connor-Winfield Corporation

Part # SCG4503
Description  Synchronous Clock Generator
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CONNOR-WINFIELD [Connor-Winfield Corporation]
Direct Link  http://www.conwin.com
Logo CONNOR-WINFIELD - Connor-Winfield Corporation

SCG4503 Datasheet(HTML) 7 Page - Connor-Winfield Corporation

Back Button SCG4503 Datasheet HTML 3Page - Connor-Winfield Corporation SCG4503 Datasheet HTML 4Page - Connor-Winfield Corporation SCG4503 Datasheet HTML 5Page - Connor-Winfield Corporation SCG4503 Datasheet HTML 6Page - Connor-Winfield Corporation SCG4503 Datasheet HTML 7Page - Connor-Winfield Corporation SCG4503 Datasheet HTML 8Page - Connor-Winfield Corporation SCG4503 Datasheet HTML 9Page - Connor-Winfield Corporation SCG4503 Datasheet HTML 10Page - Connor-Winfield Corporation SCG4503 Datasheet HTML 11Page - Connor-Winfield Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
Data Sheet #: SG082
Page 7 of 16
Rev: 00
Date: 06/17/05
© Copyright 2005 The Connor-Winfield Corp.
All Rights Reserved Specifications subject to change without notice
Pin Description
Table 6
Pin #
Pin Name
Pin Information
Note
1
ENABLE/TRI-STATE
VCXO Enable. (Enable = 0, Disable = 1 = CMOS Outputs Tri-stated)
9.0
2
TCK
No Connection, Internal Factory Programming Input.
8.0
3
TDO
No Connection, Internal Factory Programming Input.
8.0
4
REF
A
CMOS Reference Frequency Input.
5
SEL
AB
Input Reference Select Pin. (REFA = 0, REFB = 1)
9.0
6
RESET
RESET. (RESET = 1)
9.0
7
REF
B
CMOS Reference Frequency Input.
8V
ee
Ground.
9FR
status
Free Run Status. (FR = 1)
10
V
cc
Supply Voltage relative to ground.
11
N/C
No Connection.
8.0
12
ALARM
Loss of Reference / Lock alarm. (Alarm = 1)
13
FR
Force Free Run. (Phase Lock = 0, Free Run = 1)
9.0
14
TDI
No Connection, Internal Factory Programming Input.
8.0
15
TMS
No Connection, Internal Factory Programming Input.
8.0
16
QN
LVPECL Complementary Output.
17
V
ee
Ground.
18
Q
LVPECL Output.
NOTES
8.0
Do not connect pin
9.0
Input pulled to ground
Ordering Information
SCG{XXXX}-{FFF.FFF}{M}
XXXX equals a specific model (4503)
FFF.FFF equals the Oscillator Output frequency (155.52)
M equals MHZ and is added to all part numbers
Example: To order an SCG4503 with an Oscillator Output of 155.52 MHz,
Order part number SCG4503-155.52M



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com