Electronic Components Datasheet Search
  English  ▼

X  

U60 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # U60
Description  IzoTTM U60 FT Network Interface Module
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

U60 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  U60 Datasheet HTML 1Page - List of Unclassifed Manufacturers U60 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
®
www.echelon.com
• JP1 Pin Assignment
• Pin
Number
• Signal Name
• 1
• Do Not
Connect
• 2
• USB -
• 3
• USB +
• 4
• Ground
• JP3 Pin Assignment
• Pin
Number
• Signal Name
• 1
• +3.3V In
• 2
• Tx LED Out
• 3
• Rx LED Out
• 4
• Service
• 5
• Ground
• 6
• Reset
• JPX5 Pin Assignment
• Pin
Number
• Signal Name
• 1
• FT Network B
• 2
• FT Network A
• 3
• Do Not
Connect
• 4
• Do Not
Connect
Host Interface
The interface to the host is provided
via the USB interface. The host selects
whether the interface is a Layer 2 or Layer
5 interface. Source code for a
Linux-compatible driver is available as
a free download.
Specifications
Hardware Platform
Dimensions
72mm x 29mm x 13mm (2.8” x 1.1” x 0.5”)
Processor
Echelon FT 6050 Smart Transceiver
Processor System Clock
80 MHz
Connectors
LonTalk/IP-FT and LONWORKS-FT (ISO/
IEC 14908-2) network pin header
USB 2.0 pin header
Service, Tx/RX signal, and +3.3V input pin
header
Indicators
Service LED
FT Tx/Rx LEDs
Operating Input Voltage
3.3VDC
Operating Input Current
110mA maximum
Temperature
-40°C to +70°C (operating and
non-operating)
Humidity
10% to 95% RH @ 50°C
EMC
FCC Part 15 Class A compliant
EN55022 Class A and EN55024 compliant
CISPR 22 Class A compliant
Software Platform
Interface
LonTalk/IP or LON-FT with a
Layer 2 or Layer 5 interface
Driver
Linux source code for a U60 network
driver is available as a free download
Ordering Information
Model 65440R
U60 FT Network Interface Module
© 2014 – 2015 Echelon, LON, LonWorks, LonTalk, and the Echelon logo are trademarks of Echelon Corporation registered in
the United States and other countries. IzoT is a trademark of Echelon Corporation.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com