Electronic Components Datasheet Search
  English  ▼

X  

U60 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # U60
Description  IzoTTM U60 FT Network Interface Module
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

U60 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  U60 Datasheet HTML 1Page - List of Unclassifed Manufacturers U60 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
IzoTTM U60 FT Network
Interface Module
USB interface to LonTalk®/IP-FT and LON®-FT
free topology twisted pair networks
www.echelon.com
®
IzoT U60 Key Features
• Provides a USB 2.0 to LonTalk/IP-FT or LON-FT interface for any controller or
device
• Compatible with hosts implementing the IzoT Device Stack EX or applications
requiring an ISO/IEC 14908-1 Layer 5 or Layer 2 interface
• Source code is available as a free download for a Linux-compatible driver
• Compact 72mm x 29mm (2.8” x 1.1”) board-level form-factor with 2.54mm (0.1”)
center pin headers for simple integration
• Pin-header USB interface to the host
• Pin-header network connector
• Transmit and receive signals provided for driving host indicators
• Service signal provided for driving a host Service indicator
• Powered by a 3.3VDC input
USB Network Interface
Add a LonTalk/IP-FT or LON-FT interface to your controller. The IzoT U60 FT Network
Interface Module is a compact 72mm x 29mm (2.8” x 1.1”) board-level module with USB
interface that can be easily integrated into any controller or device.
The U60 FT module is compatible with the LonTalk Device Stack EX which provide source
code for LonTalk/IP and native LON compatible protocol stacks. It is also compatible with
host applications requiring an ISO/IEC 14908-1 Layer 5 or Layer 2 interface.
Tx and Rx signals are provided on the U60 connector so that the host controller can provide
transmit and receive indicators.
A Service signal is provided on the U60 connector so that the host controller can provide a
network Service indicator.
Three 2.54mm (0.1”) center pin-header connectors are provided by the FT network, USB,
power input, transmit/receive signals, and service signal. Pin assignments are listed in the
following tables.


Similar Part No. - U60

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
U60 ETC2-U60 Datasheet
654Kb / 16P
MISCELLANEOUS HARDWARE-ACCESSORIES
U60 ETC2-U60 Datasheet
657Kb / 17P
TO CHANGE WITHOUT NOTICE ACCESSORIES
U600 ETC2-U600 Datasheet
280Kb / 1P
Micro.usb
logo
ATMEL Corporation
U6032B ATMEL-U6032B Datasheet
189Kb / 12P
AUTOMOTIVE TOGGLE SWITCH IC
U6032B-FP ATMEL-U6032B-FP Datasheet
189Kb / 12P
AUTOMOTIVE TOGGLE SWITCH IC
More results

Similar Description - U60

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
7090 BOURNS-7090 Datasheet
460Kb / 2P
Network Interface Device
logo
Hynix Semiconductor
115-T-7121TPA HYNIX-115-T-7121TPA Datasheet
180Kb / 12P
Digital Satellite Network Interface Module
logo
PCA ELECTRONICS INC.
EPE6135 PCA-EPE6135 Datasheet
43Kb / 1P
10Base-T Interface Filter Module with Resistor Network
logo
List of Unclassifed Man...
U10 ETC2-U10 Datasheet
206Kb / 2P
USB Network Interface ??TP/FT-10 Channel
PYXOS-FT ETC2-PYXOS-FT Datasheet
1Mb / 7P
Pyxos??FT Network Chip
logo
Gamewell-FCI by Honeywe...
INI-7100-UTP GAMEWELL-FCI-INI-7100-UTP Datasheet
115Kb / 2P
Intelligent Network Interface Module
logo
Prosoft-Technology
MVI69-MCM PROSOFT-MVI69-MCM Datasheet
405Kb / 3P
Modbus Master/Slave Network Interface Module
logo
M-System Co.,Ltd.
R3-NECT1 MSYSTEM-R3-NECT1 Datasheet
155Kb / 4P
Remote I/O R3 Series NETWORK INTERFACE MODULE
R3-NCIE1 MSYSTEM-R3-NCIE1 Datasheet
229Kb / 8P
Remote I/O R3 Series NETWORK INTERFACE MODULE
logo
EnOcean GmbH.
U70-PL-20 ENOCEAN-U70-PL-20 Datasheet
464Kb / 2P
Network Interface
DS-20001 rev 09/22
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com