Electronic Components Datasheet Search
  English  ▼

X  

MAX4159EEE Datasheet(PDF) 10 Page - Maxim Integrated Products

Part # MAX4159EEE
Description  350MHz/250MHz, 2-Channel Video Multiplexer-Amplifiers
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4159EEE Datasheet(HTML) 10 Page - Maxim Integrated Products

Back Button MAX4159EEE Datasheet HTML 6Page - Maxim Integrated Products MAX4159EEE Datasheet HTML 7Page - Maxim Integrated Products MAX4159EEE Datasheet HTML 8Page - Maxim Integrated Products MAX4159EEE Datasheet HTML 9Page - Maxim Integrated Products MAX4159EEE Datasheet HTML 10Page - Maxim Integrated Products MAX4159EEE Datasheet HTML 11Page - Maxim Integrated Products MAX4159EEE Datasheet HTML 12Page - Maxim Integrated Products MAX4159EEE Datasheet HTML 13Page - Maxim Integrated Products MAX4159EEE Datasheet HTML 14Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
350MHz/250MHz, 2-Channel
Video Multiplexer-Amplifiers
10
______________________________________________________________________________________
_______________Detailed Description
The MAX4158/MAX4159 are optimized for closed-loop
gains (AVCL) of 1V/V (0dB) or greater; the MAX4258/
MAX4259 are optimized for closed-loop gains of 2V/V
(6dB) or greater. These low-power, high-speed, cur-
rent-mode feedback amplifiers operate from ±5V sup-
plies. They drive video loads (including 50
Ω and 75Ω
cables) with excellent distortion characteristics.
Differential gain and phase errors are 0.01%/0.01° for
MAX4158/MAX4159 and 0.01%/0.02° for MAX4258/
MAX4259, respectively.
The input multiplexers feature very short switching
times and small switching transients. They also have
high input resistance and constant input capacitance,
so overall input impedance can be set by external input
terminating resistors. Each video input is isolated by an
AC-ground pin, which reduces channel-to-channel
capacitance and minimizes crosstalk.
The MAX4159/MAX4259 have address latching and an
output enable function that places the output in a high-
impedance state. These functions allow multiple
mux/amps to be paralleled together to form larger
switching arrays.
________________________Truth Tables
Input Control Logic
X = Don’t Care
MAX4159/MAX4259
Output Control Logic
All logic levels (EN, LE, and A0) default low (0) if left open circuit.
Output disable is completely independent of input address and
latch.
__________Applications Information
Theory of Operation
Since the MAX4158/MAX4159/MAX4258/MAX4259 are
current-mode feedback amplifiers, their open-loop
transfer function is expressed as a transimpedance,
∆VOUT/∆IFB, or ZT. The frequency behavior of this
open-loop transimpedance is similar to the open-loop
gain of a voltage-mode feedback amplifier. That is, it
has a large DC value and decreases at approximately
6dB per octave at high frequency.
Analyzing the current-mode feedback amplifier in a
gain configuration (Figure 1) yields the following trans-
fer function:
VOUT / VIN = G x ZT(S) / (ZT(S) + G x RIN(FB) + RF)
where G = AVCL = 1 + RF / RG.
At low gains, G x RIN(FB) << RF. Therefore, unlike tradi-
tional voltage-mode feedback amplifiers, the closed-
loop bandwidth is essentially independent of
closed-loop gain. Note also that at low frequencies,
ZT >> [G x RIN(FB) + RF] so:
VOUT / VIN = G = 1 + RF / RG
Layout and Power-Supply Bypassing
The MAX4158/MAX4159/MAX4258/MAX4259 have
extremely high bandwidth, and consequently require
careful board layout, including the possible use of con-
stant-impedance microstrip or stripline techniques.
MAX4158
MAX4159
MAX4258
MAX4259
RG
FB
ZT
RIN(FB)
OUT
+1
IN0
IN1
VIN
RF
+1
Figure 1. Current-Mode Feedback Amplifier
On
AMPLIFIER
OUTPUT
Off
0
Output on
LOGIC
INPUT
( E
EN
N )
FUNCTION
1
Output off; high impedance
LE
A0
AMPLIFIER
INPUT
LOGIC
INPUTS
FUNCTION
[LAST]
1
X
Channel addresses latched;
retains last input address.
IN1
0
1
Channel 1 selected
IN0
0
0
Channel 0 selected



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com