Electronic Components Datasheet Search
  English  ▼

X  

MAX4159EEE Datasheet(PDF) 12 Page - Maxim Integrated Products

Part # MAX4159EEE
Description  350MHz/250MHz, 2-Channel Video Multiplexer-Amplifiers
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4159EEE Datasheet(HTML) 12 Page - Maxim Integrated Products

Back Button MAX4159EEE Datasheet HTML 8Page - Maxim Integrated Products MAX4159EEE Datasheet HTML 9Page - Maxim Integrated Products MAX4159EEE Datasheet HTML 10Page - Maxim Integrated Products MAX4159EEE Datasheet HTML 11Page - Maxim Integrated Products MAX4159EEE Datasheet HTML 12Page - Maxim Integrated Products MAX4159EEE Datasheet HTML 13Page - Maxim Integrated Products MAX4159EEE Datasheet HTML 14Page - Maxim Integrated Products MAX4159EEE Datasheet HTML 15Page - Maxim Integrated Products MAX4159EEE Datasheet HTML 16Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 12 / 16 page
background image
350MHz/250MHz, 2-Channel
Video Multiplexer-Amplifiers
12
______________________________________________________________________________________
Table 2. MAX4258/MAX4259 Bandwidth
and Gain vs. Gain-Setting Resistors
DC Errors and Noise
The MAX4158/MAX4159/MAX4258/MAX4259 output
offset voltage, VOUT (Figure 2) can be calculated with
the following equation:
VOUT = VOS x [1 + RF / RG] + IB x RS x [1 + RF / RG] +
IFB x RF
where:
VOS
= input offset voltage (in volts)
1 + RF / RG = amplifier closed-loop gain (dimensionless)
IB
= input bias current (in amps)
IFB
= feedback input bias current (in amps)
RG
= gain-setting resistor (in ohms)
RF
= feedback resistor (in ohms)
RS
= source resistor (in ohms)
The following equation represents output noise density:
where:
in = input noise current density (in A/√Hz)
en = input noise voltage density (in V/√Hz)
The MAX4158/MAX4159/MAX4258/MAX4259 have a
very low, 2nV/
√Hz noise voltage. The current noise at
the input (in) is 2pA/
√Hz, and the current noise at the
feedback input (in(FB)) is 22pA/
√Hz.
An example of DC-error calculations, using the
MAX4258 typical data and the typical operating circuit
with RF = RG = 510
Ω (RF || RG = 255Ω) and RS = 50Ω,
gives:
VOUT = [1 x 10
-3 x (1 + 1)] + [2 x 10-6 x 50 x (1 + 1)] +
[2 x 10-6 x 510]
VOUT = 3.22mV
Calculating total output noise in a similar manner yields
the following:
With a 200MHz system bandwidth, this calculates to
168µVRMS (approximately 1.01mVp-p, using the six-
sigma calculation).
Video Line Driver
The MAX4158/MAX4159/MAX4258/MAX4259 are opti-
mized to drive coaxial transmission lines when the
cable is terminated at both ends (Figure 3). Cable fre-
quency response may cause variations in the flatness
of the signal.
en OUT = 1 + 1
en OUT = 1.9nV/ Hz
( )
( )
(
)
 +
 +
−
−
−
x
x
x
x
x
x
2
10
50
2
22
10
255
2
2
10
2
1
12
12
9
e OUT = 1+R /R
n
F
G
( ) (
)
[
] +
(
)


+
[ ]
( )
||
x
i
x R
i
x R
R
e
n
S
n FB
F
G
n
2
2
2
MAX4158
MAX4159
MAX4258
MAX4259
RG
FB
IFB
IB
IN_
VOUT
OUT
RS
RF
5
14
195
92
90
14
-3dB BW
(MHz)
0.1dB BW
(MHz)
45
180
250
130
510
20
RG
(
Ω)
RF
(
Ω)
10
20
180
2
6
GAIN
510
(V/V)
(dB)
Figure 2. Output Offset Voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com