Electronic Components Datasheet Search
  English  ▼

X  

LM7805F3 Datasheet(PDF) 1 Page - Cystech Electonics Corp.

Part # LM7805F3
Description  3-TERMINAL POSITIVE VOLTAGE REGULATOR
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYSTEKEC [Cystech Electonics Corp.]
Direct Link  http://www.cystekec.com
Logo CYSTEKEC - Cystech Electonics Corp.

LM7805F3 Datasheet(HTML) 1 Page - Cystech Electonics Corp.

  LM7805F3 Datasheet HTML 1Page - Cystech Electonics Corp. LM7805F3 Datasheet HTML 2Page - Cystech Electonics Corp. LM7805F3 Datasheet HTML 3Page - Cystech Electonics Corp. LM7805F3 Datasheet HTML 4Page - Cystech Electonics Corp. LM7805F3 Datasheet HTML 5Page - Cystech Electonics Corp. LM7805F3 Datasheet HTML 6Page - Cystech Electonics Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
CYStech Electronics Corp.
Spec. No. : C521F3
Issued Date : 2007.09.13
Revised Date : 2015.04.29
Page No. : 1/6
LM7805F3
CYStek Product Specification
3-TERMINAL POSITIVE VOLTAGE REGULATOR
LM7805F3
Description
The LM7805F3 series of three-terminal positive regulators are available in the TO-263 package. These
regulators can provide local on -card regulation, eliminating the distribution problems associated with
single point regulation. Each employs internal current limiting, thermal shutdown and safe operating area
protection, making it essentially indestructible. If adequate heat sinking is provided, they can deliver up to
1.5A of output current. Although designed primarily as fixed voltage regulators, these devices can be used
with external components to obtain adjustable voltages and currents.
Absolute Maximum Ratings
Symbol
Parameter
Maximum
Units
IO
Output Current
1.5
A
VIN
Input Voltage
35
V
TOPR
Operating Junction Temperature Range
-40 ~ +150
℃
TSTG
Storage Temperature
-55 ~ +150
℃
RθJA
Thermal Resistance, Junction to Air
65
℃
/W
RθJC
Thermal Resistance, Junction to Case
5
℃
/W
Typical Application
Schematic Diagram
6.3V
3.4K
200
10K
200
1K
2K
0.3
26
4K
20pF
4K
1K
12.1K
1.2
26
1.9K
30K
VREF
Input
Output
GND
Note:
C1 and C2 are required if regulator is
located far from power supply filter
and load, or oscillation may induced
on the loop.
C2
C1
2
1
3
Vin
Vout
LM7805


Similar Part No. - LM7805F3

ManufacturerPart #DatasheetDescription
logo
First Silicon Co., Ltd
LM7805F FS-LM7805F Datasheet
306Kb / 12P
THREE TERMINAL POSITIVE VOLTAGE REGULATORS
logo
TAITRON Components Inco...
LM7805F-85-RG30 TAITRON-LM7805F-85-RG30 Datasheet
415Kb / 16P
1A Standard Positive Voltage Regulator
LM7805F-85-TR30 TAITRON-LM7805F-85-TR30 Datasheet
415Kb / 16P
1A Standard Positive Voltage Regulator
More results

Similar Description - LM7805F3

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
GM78L12 ETC2-GM78L12 Datasheet
196Kb / 2P
3-TERMINAL POSITIVE VOLTAGE REGULATOR
logo
Micro Electronics
ML7800 MICRO-ELECTRONICS-ML7800 Datasheet
431Kb / 11P
3-TERMINAL POSITIVE VOLTAGE REGULATOR
logo
SeCoS Halbleitertechnol...
S78L05 SECOS-S78L05 Datasheet
310Kb / 2P
3-Terminal Positive Voltage Regulator
logo
SEMTECH ELECTRONICS LTD...
ST78L05 SEMTECH_ELEC-ST78L05 Datasheet
201Kb / 2P
3-Terminal positive voltage regulator
ST78L06 SEMTECH_ELEC-ST78L06 Datasheet
130Kb / 2P
3-Terminal positive voltage regulator
ST78L09 SEMTECH_ELEC-ST78L09 Datasheet
130Kb / 2P
3-Terminal positive voltage regulator
logo
Cystech Electonics Corp...
LM7812XJ3 CYSTEKEC-LM7812XJ3 Datasheet
112Kb / 3P
3-TERMINAL POSITIVE VOLTAGE REGULATOR
logo
SeCoS Halbleitertechnol...
SJ78M09 SECOS-SJ78M09 Datasheet
85Kb / 2P
3-Terminal Positive Voltage Regulator
SJ78M15 SECOS-SJ78M15 Datasheet
84Kb / 2P
3-Terminal Positive Voltage Regulator
logo
Continental Device Indi...
LM7818 CDIL-LM7818 Datasheet
75Kb / 2P
3-TERMINAL POSITIVE VOLTAGE REGULATOR
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com