Electronic Components Datasheet Search
  English  ▼

X  

LM7805F3 Datasheet(PDF) 2 Page - Cystech Electonics Corp.

Part # LM7805F3
Description  3-TERMINAL POSITIVE VOLTAGE REGULATOR
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYSTEKEC [Cystech Electonics Corp.]
Direct Link  http://www.cystekec.com
Logo CYSTEKEC - Cystech Electonics Corp.

LM7805F3 Datasheet(HTML) 2 Page - Cystech Electonics Corp.

  LM7805F3 Datasheet HTML 1Page - Cystech Electonics Corp. LM7805F3 Datasheet HTML 2Page - Cystech Electonics Corp. LM7805F3 Datasheet HTML 3Page - Cystech Electonics Corp. LM7805F3 Datasheet HTML 4Page - Cystech Electonics Corp. LM7805F3 Datasheet HTML 5Page - Cystech Electonics Corp. LM7805F3 Datasheet HTML 6Page - Cystech Electonics Corp.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
CYStech Electronics Corp.
Spec. No. : C521F3
Issued Date : 2007.09.13
Revised Date : 2015.04.29
Page No. : 2/6
LM7805F3
CYStek Product Specification
Electrical Characteristics
Vin=10V, Io=500mA, Cin=0.33μF, Cout=0.1μF, 0
°C≤Tj≤125°C (unless otherwise noted)
LM7805F3 A-rank
Symbol
Parameter
Conditions
Min
Typ
Max
Units
Tj=25
°C
4.85
5
5.15
Vo
Output Voltage
PD
≤15W, 5mA≤Io≤1A
4.85
5
5.15
V
Tj=25
°C, 7V≤Vin≤25V
-
3
50
ΔVo
Line Regulation
Tj=25
°C, 8V≤Vin≤12V
-
1
25
mV
Tj=25
°C, 5mA≤Io≤1.5A
-
-
100
ΔVo
Load Regulation
Tj=25
°C, 250mA≤Io≤750mA
-
-
50
mV
IQ
Quiescent Current
Tj=25
°C
-
-
8
mA
5mA
≤Io≤1A
-
-
0.5
ΔIQ
Quiescent Current
Change
7V
≤Vin≤25V
-
-
1.3
mA
Vn
Output Noise Voltage
Ta=25
°C, 10Hz≤f≤100KHz
-
40
-
μV
RR
Ripple Rejection
8V
≤Vin≤18V, f=120Hz
-
80
-
dB
VD
Dropout Voltage
Tj=25
°C, Io=1A
-
2
-
V
Isc
Short Circuit Current
Tj=25
°C
-
250
-
mA
Ipk
Peak Output Current
Tj=25
°C
-
1.8
-
A
ΔVo / ΔT
Average Tc of Vout
0
°C≤Tj≤+125°C, Io=5mA
-
-0.6
-
mV/
°C
LM7805F3 B-rank
Symbol
Parameter
Conditions
Min
Typ
Max
Units
Tj=25
°C
4.75
5
5.25
Vo
Output Voltage
PD
≤15W, 5mA≤Io≤1A
4.75
5
5.25
V
Tj=25
°C, 7V≤Vin≤25V
-
3
50
ΔVo
Line Regulation
Tj=25
°C, 8V≤Vin≤12V
-
1
25
mV
Tj=25
°C, 5mA≤Io≤1.5A
-
-
100
ΔVo
Load Regulation
Tj=25
°C, 250mA≤Io≤750mA
-
-
50
mV
IQ
Quiescent Current
Tj=25
°C
-
-
8
mA
5mA
≤Io≤1A
-
-
0.5
ΔIQ
Quiescent Current
Change
7V
≤Vin≤25V
-
-
1.3
mA
Vn
Output Noise Voltage
Ta=25
°C, 10Hz≤f≤100KHz
-
40
-
μV
RR
Ripple Rejection
8V
≤Vin≤18V, f=120Hz
-
80
-
dB
VD
Dropout Voltage
Tj=25
°C, Io=1A
-
2
-
V
Isc
Short Circuit Current
Tj=25
°C
-
250
-
mA
Ipk
Peak Output Current
Tj=25
°C
-
1.8
-
A
ΔVo / ΔT
Average Tc of Vout
0
°C≤Tj≤+125°C, Io=5mA
-
-0.6
-
mV/
°C



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com