Electronic Components Datasheet Search
  English  ▼

X  

MAX4186EEE Datasheet(PDF) 13 Page - Maxim Integrated Products

Part # MAX4186EEE
Description  Single/Dual/Quad, 270MHz, 1mA, SOT23, Current-Feedback Amplifiers with Shutdown
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4186EEE Datasheet(HTML) 13 Page - Maxim Integrated Products

Back Button MAX4186EEE Datasheet HTML 9Page - Maxim Integrated Products MAX4186EEE Datasheet HTML 10Page - Maxim Integrated Products MAX4186EEE Datasheet HTML 11Page - Maxim Integrated Products MAX4186EEE Datasheet HTML 12Page - Maxim Integrated Products MAX4186EEE Datasheet HTML 13Page - Maxim Integrated Products MAX4186EEE Datasheet HTML 14Page - Maxim Integrated Products MAX4186EEE Datasheet HTML 15Page - Maxim Integrated Products MAX4186EEE Datasheet HTML 16Page - Maxim Integrated Products MAX4186EEE Datasheet HTML 17Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 24 page
background image
Single/Dual/Quad, 270MHz, 1mA, SOT23,
Current-Feedback Amplifiers with Shutdown
______________________________________________________________________________________
13
RL = 150Ω, RF = RG = 820Ω
+25 mV
+50mV
MAX4180
SMALL-SIGNAL PULSE RESPONSE
10ns/div
IN
OUT
-50mV
-25mV
____________________________Typical Operating Characteristics (continued)
(VCC = +5V, VEE = -5V, TA = +25°C, unless otherwise noted.)
RL = 100Ω, RF = RG = 680Ω
+25mV
+50mV
MAX4180
SMALL-SIGNAL PULSE RESPONSE
10ns/div
OUT
-50mV
IN
-25mV
RL = 1kΩ, RF = 2.4kΩ
+50mV
+50mV
MAX4181
SMALL-SIGNAL PULSE RESPONSE
10ns/div
IN
OUT
-50mV
-50mV
VS = ±5V, RL = 1kΩ, RF = 2.4kΩ
+1V
+1V
MAX4181
LARGE-SIGNAL PULSE RESPONSE
10ns/div
IN
-1V
OUT
-1V
______________________________________________________________Pin Description
MAX4180/MAX4181
MAX4180/MAX4181
4
3
SOT23-6
5
6
Inverting Input
IN-
2
Noninverting Input
IN+
3
1
2
Negative Power Supply. Connect VEE to -5V or ground for
single-supply operation.
VEE
4
FUNCTION
NAME
Shutdown Input. Device is enabled when SHDN
≥ (VCC - 2V)
and disabled when SHDN
≤ (VCC - 3V).
SHDN
8
Positive Power Supply. Connect VCC to +5V.
VCC
7
Amplifier Output
OUT
6
PIN
—
No Connect. Not internally connected.
N.C.
1, 5
SO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com