Electronic Components Datasheet Search
  English  ▼

X  

MAX4186EEE Datasheet(PDF) 19 Page - Maxim Integrated Products

Part # MAX4186EEE
Description  Single/Dual/Quad, 270MHz, 1mA, SOT23, Current-Feedback Amplifiers with Shutdown
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4186EEE Datasheet(HTML) 19 Page - Maxim Integrated Products

Back Button MAX4186EEE Datasheet HTML 15Page - Maxim Integrated Products MAX4186EEE Datasheet HTML 16Page - Maxim Integrated Products MAX4186EEE Datasheet HTML 17Page - Maxim Integrated Products MAX4186EEE Datasheet HTML 18Page - Maxim Integrated Products MAX4186EEE Datasheet HTML 19Page - Maxim Integrated Products MAX4186EEE Datasheet HTML 20Page - Maxim Integrated Products MAX4186EEE Datasheet HTML 21Page - Maxim Integrated Products MAX4186EEE Datasheet HTML 22Page - Maxim Integrated Products MAX4186EEE Datasheet HTML 23Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 24 page
background image
Single/Dual/Quad, 270MHz, 1mA, SOT23,
Current-Feedback Amplifiers with Shutdown
______________________________________________________________________________________
19
tive load. Note that in each case, gain peaking is
substantially reduced when the 20
Ω resistor is used to
isolate the capacitive load from the amplifier output.
AC Testing/Performance
AC specifications on high-speed amplifiers are usually
guaranteed without 100% production testing. Since
these high-speed devices are sensitive to external para-
sitics introduced when automatic handling equipment is
used, it is impractical to guarantee AC parameters
through volume production testing. These parasitics are
greatly reduced when using the recommended PC
board layout (like the Maxim EV kit). Characterizing the
part in this way more accurately represents the amplifi-
er’s true AC performance. Some manufacturers guaran-
tee AC specifications without clearly stating how this
guarantee is made. The AC specifications of the
MAX4180–MAX4187 are derived through worst-case
design simulations combined with a sample characteri-
zation of 100 units. The AC performance distributions
along with the worst-case simulation results for
MAX4180 and MAX4181 are shown in Figures 8–11.
These distributions are repeatable provided that the
proper board layout and power-supply bypassing are
used (see
Layout and Power-Supply Bypassing sec-
tion).
6
5
4
3
2
1
0
-4
1
10
100
1000
-2
-3
-1
FREQUENCY (MHz)
MAX4181
VIN = 20mVp-p
AV = +1V/V
RF = 2.4kΩ
RL = 1kΩ || 47pF
RS = 20
Ω
RS = 0
Ω
Figure 7c. Frequency Response with Capacitive Load (with
and without Isolation Resistor)
Figure 7b. Frequency Response with Capacitive Load (with
and without Isolation Resistor)
6
5
4
3
2
1
0
-4
1
10
100
1000
-2
-3
-1
FREQUENCY (MHz)
MAX4180
VIN = 20mVp-p
AV = +2V/V
RF = RG = 1.2kΩ
RL = 1kΩ || 47pF
RS = 0Ω
RS = 20Ω
RG
RF
RS
RL
CL
VIN
Figure 7a. Using an Isolation Resistor (RS) for High Capacitive
Loads



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com