Electronic Components Datasheet Search
  English  ▼

X  

AD6C010 Datasheet(PDF) 1 Page - Solid State Optronic

Part # AD6C010
Description  High Blocking Voltage (1200V)
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSOUSA [Solid State Optronic]
Direct Link  http://www.ssousa.com
Logo SSOUSA - Solid State Optronic

AD6C010 Datasheet(HTML) 1 Page - Solid State Optronic

  AD6C010 Datasheet HTML 1Page - Solid State Optronic AD6C010 Datasheet HTML 2Page - Solid State Optronic AD6C010 Datasheet HTML 3Page - Solid State Optronic AD6C010 Datasheet HTML 4Page - Solid State Optronic AD6C010 Datasheet HTML 5Page - Solid State Optronic AD6C010 Datasheet HTML 6Page - Solid State Optronic AD6C010 Datasheet HTML 7Page - Solid State Optronic  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
AD6C010
1 Form A
1200V / 65 Ω
MOSFET Output Solid State Relay
© 2011 Solid State Optronics • San Jośe, CA
www.ssousa.com • +1.408.293.4600
AD6C010/S/TR
Rev 2.00 (06/20/2011)
Page 1 of 7
Description
The AD6C010 is a bi-directional, single-pole, single-throw,
normally open solid-state relay. The relay consists of an IR
LED optically coupled to a Photo Diode Array, which in turn
drives a back-to-back normally open MOSFET output
structure. The AD6C010 provides high load voltage
(1200V) and high input-to-output isolation (2.5kV).
The AD6C010 comes standard in a miniature 6 pin DIP
package,
making
it
ideal
for
high-density
board
applications.
Schematic Diagram
Agency Approvals
UL:
File # E201932
C-UL:
File # E201932
Applications
Multiplexers
Meter Reading Systems
Data Acquisition
Medical Equipment
Battery Monitoring
Home Security Systems
Safety Systems
Absolute Maximum Ratings
The values indicated are absolute stress ratings. Functional
operation of the device is not implied at these or any
conditions in excess of those defined in electrical
characteristics section of this document. Exposure to
absolute Maximum Ratings may cause permanent damage
to the device and may adversely affect reliability.
Storage Temperature …………………………..-55 to +125°C
Operating Temperature …………………………-40 to +85°C
Continuous Input Current………………………………..50mA
Transient Input Current ………………….……………..500mA
Reverse Input Control Voltage …………..…………………5V
Input Power Dissipation…………………………………40mW
Output Power Dissipation ……………………………..800mW
Solder Temperature – Wave (10sec)……………….….260°C
Solder Temperature – IR Reflow (10sec)….…………..260°C
Ordering Information
Part Number
Description
AD6C010
6 pin DIP, (50/Tube)
AD6C010-S
6 pin SMD, (50/Tube)
AD6C010-STR
6 pin SMD, Tape and Reel (1000/Reel)
NOTE: Suffixes listed above are not included in marking on
device for part number identification
Features
High Blocking Voltage (1200V)
100mA Maximum Continuous Load Current
Small 6 pin DIP/SMD Package
High Isolation Voltage (2500VRMS)
Long Life / High Reliability
RoHS / Pb-Free / REACH Compliant
1
2
5
6 +/-
Do Not Connect
+ Input
-
AD6C010
3
4
NC
-/+


Similar Part No. - AD6C010

ManufacturerPart #DatasheetDescription
logo
Solid State Inc
AD6C010 SOLIDSTATE-AD6C010 Datasheet
262Kb / 7P
High Blocking Voltage (1200V)
More results

Similar Description - AD6C010

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BT139-800G NXP-BT139-800G Datasheet
194Kb / 14P
High blocking voltage capability
Rev. 5-23 March 2011
BT138B-600-118 PHILIPS-BT138B-600-118 Datasheet
212Kb / 14P
High blocking voltage capability
26 September 2013
logo
Solid State Optronic
AD2C101 SSOUSA-AD2C101_15 Datasheet
242Kb / 5P
High Blocking Voltage (600V)
AD4C101 SSOUSA-AD4C101 Datasheet
224Kb / 5P
High Blocking Voltage (600V)
AD4C201 SSOUSA-AD4C201 Datasheet
298Kb / 8P
High Blocking Voltage (600V)
AD6C011 SSOUSA-AD6C011 Datasheet
250Kb / 7P
High Blocking Voltage (800V)
AD6C101 SSOUSA-AD6C101_15 Datasheet
212Kb / 5P
High Blocking Voltage (600V)
STR8062 SSOUSA-STR8062 Datasheet
357Kb / 8P
High Blocking Voltage (600V)
STZ8062 SSOUSA-STZ8062 Datasheet
400Kb / 9P
High Blocking Voltage
STZ8082 SSOUSA-STZ8082 Datasheet
400Kb / 9P
High Blocking Voltage
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com