Electronic Components Datasheet Search
  English  ▼

X  

AD6C010 Datasheet(PDF) 3 Page - Solid State Optronic

Part # AD6C010
Description  High Blocking Voltage (1200V)
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSOUSA [Solid State Optronic]
Direct Link  http://www.ssousa.com
Logo SSOUSA - Solid State Optronic

AD6C010 Datasheet(HTML) 3 Page - Solid State Optronic

  AD6C010 Datasheet HTML 1Page - Solid State Optronic AD6C010 Datasheet HTML 2Page - Solid State Optronic AD6C010 Datasheet HTML 3Page - Solid State Optronic AD6C010 Datasheet HTML 4Page - Solid State Optronic AD6C010 Datasheet HTML 5Page - Solid State Optronic AD6C010 Datasheet HTML 6Page - Solid State Optronic AD6C010 Datasheet HTML 7Page - Solid State Optronic  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
AD6C010
1 Form A
1200V / 65Ω
MOSFET Output Solid State Relay
© 2011 Solid State Optronics • San Jośe, CA
www.ssousa.com • +1.408.293.4600
Page 3 of 7
AD6C010/S/TR
Rev 2.00 (06/20/2011)
AD6C010 Performance & Characteristics Plots, TA = 25°C (unless otherwise specified)
AD6C010: Typical Turn-On Time Distribution
(N = 100, T
a = 25º C)
0
10
20
30
40
1.4
1.5
1.6
1.7
1.8
1.9
2
2.1
Turn- O n T im e ( m s )
AD6C010: Typical Turn-Off Time Distribution
(N = 100, T
a = 25º C)
0
10
20
30
40
50
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
T urn-O ff T ime (m s)
AD6C010: Typical Output Leakage Current
Distribution
(N = 100, T
a = 25º C)
0
10
20
30
40
50
0.35
0.4
0.45
0.5
0.55
0.6
0.65
0.7
Leaka ge C urre nt ( µA )
AD6C010: Maximum Load Current vs.
Temperature
0
20
40
60
80
100
120
-40
-20
0
20406080
100
T e mperature ( ºC )
AD6C010: Typical On-Resistance Distribution
(N = 100, T
a = 25º C)
0
10
20
30
40
50
60
62
64
66
68
70
72
74
On - R e sista nc e ( Ω)
AD6C010: Typical Blocking Voltage Distribution
(N = 100, Ta = 25ºC)
0
10
20
30
40
50
1210
1220
1230
1240
1250
1260
1270
1280
B lo cking Vo lt age (V B )



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com