Electronic Components Datasheet Search
  English  ▼

X  

MAX4201ESA Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX4201ESA
Description  Ultra-High-Speed, Low-Noise, Low-Power, SOT23 Open-Loop Buffers
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4201ESA Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX4201ESA Datasheet HTML 1Page - Maxim Integrated Products MAX4201ESA Datasheet HTML 2Page - Maxim Integrated Products MAX4201ESA Datasheet HTML 3Page - Maxim Integrated Products MAX4201ESA Datasheet HTML 4Page - Maxim Integrated Products MAX4201ESA Datasheet HTML 5Page - Maxim Integrated Products MAX4201ESA Datasheet HTML 6Page - Maxim Integrated Products MAX4201ESA Datasheet HTML 7Page - Maxim Integrated Products MAX4201ESA Datasheet HTML 8Page - Maxim Integrated Products MAX4201ESA Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
Ultra-High-Speed, Low-Noise, Low-Power,
SOT23 Open-Loop Buffers
4
_______________________________________________________________________________________
__________________________________________Typical Operating Characteristics
(VCC = +5V, VEE = -5V, RL = 100
Ω for MAX4200/MAX4201/MAX4203/MAX4204, RL = 150Ω for MAX4202/MAX4205, unless
otherwise noted.)
4
-6
100k
1M
10M
100M
1G
MAX4200
SMALL-SIGNAL GAIN vs. FREQUENCY
-4
-5
-3
FREQUENCY (Hz)
-2
-1
0
2
1
3
VOUT = 100mVp-p
4
-6
100k
1M
10M
100M
1G
MAX4201/MAX4202
SMALL-SIGNAL GAIN vs. FREQUENCY
-4
-5
-3
FREQUENCY (Hz)
-2
-1
0
2
1
3
VOUT = 100mVp-p
4
-6
100k
1M
10M
100M
1G
MAX4200/MAX4201/MAX4202
LARGE-SIGNAL GAIN vs. FREQUENCY
-4
-5
-3
FREQUENCY (Hz)
-2
-1
0
2
1
3
VOUT = 2Vp-p
4
-6
100k
1M
10M
100M
1G
MAX4203
SMALL-SIGNAL GAIN vs. FREQUENCY
-4
-5
-3
FREQUENCY (Hz)
-2
-1
0
2
1
3
VOUT = 100mVp-p
5
-5
100k
1M
10M
100M
1G
10G
GROUP DELAY vs. FREQUENCY
-3
-4
-2
FREQUENCY (Hz)
-1
0
1
3
2
4
4
-6
100k
1M
10M
100M
1G
10G
MAX4204/MAX4205
SMALL-SIGNAL GAIN vs. FREQUENCY
-4
-5
-3
FREQUENCY (Hz)
-2
-1
0
2
1
3
VOUT = 100mVp-p
4
-6
100k
1M
10M
100M
1G
MAX4203/MAX4204/MAX4205
LARGE-SIGNAL GAIN vs. FREQUENCY
-4
-5
-3
FREQUENCY (Hz)
-2
-1
0
2
1
3
VOUT = 2Vp-p
0
-100
100k
1M
10M
100M
1G
10G
POWER-SUPPLY REJECTION
vs. FREQUENCY
-80
-90
-70
FREQUENCY (Hz)
-60
-50
-40
-20
-30
-10
9000
0
0
1.0
3.0
2.5
5.0
SLEW RATE vs. OUTPUT VOLTAGE
3000
2000
1000
4000
7000
8000
OUTPUT VOLTAGE (Vp-p)
1.5 2.0
0.5
3.5
5000
6000
4.0 4.5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com