Electronic Components Datasheet Search
  English  ▼

X  

MAX4201ESA Datasheet(PDF) 5 Page - Maxim Integrated Products

Part # MAX4201ESA
Description  Ultra-High-Speed, Low-Noise, Low-Power, SOT23 Open-Loop Buffers
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4201ESA Datasheet(HTML) 5 Page - Maxim Integrated Products

  MAX4201ESA Datasheet HTML 1Page - Maxim Integrated Products MAX4201ESA Datasheet HTML 2Page - Maxim Integrated Products MAX4201ESA Datasheet HTML 3Page - Maxim Integrated Products MAX4201ESA Datasheet HTML 4Page - Maxim Integrated Products MAX4201ESA Datasheet HTML 5Page - Maxim Integrated Products MAX4201ESA Datasheet HTML 6Page - Maxim Integrated Products MAX4201ESA Datasheet HTML 7Page - Maxim Integrated Products MAX4201ESA Datasheet HTML 8Page - Maxim Integrated Products MAX4201ESA Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
Ultra-High-Speed, Low-Noise, Low-Power,
SOT23 Open-Loop Buffers
_______________________________________________________________________________________
5
0
-10
-100
100k
100M
10M
1M
MAX4200/MAX4201/MAX4202
HARMONIC DISTORTION vs. FREQUENCY
-60
-70
-80
-90
-30
-40
-50
-20
FREQUENCY (Hz)
THIRD HARMONIC
SECOND HARMONIC
VIN = 2Vp-p
0
-10
-100
100k
100M
10M
1M
MAX4203/MAX4204/MAX4205
HARMONIC DISTORTION vs. FREQUENCY
-60
-70
-80
-90
-30
-40
-50
-20
FREQUENCY (Hz)
THIRD HARMONIC
SECOND HARMONIC
VOUT = 2Vp-p
100
1
100k
10M
100M
1M
1G
MAX4200/MAX4203
OUTPUT IMPEDANCE vs. FREQUENCY
FREQUENCY (Hz)
10
100
10
100k
10M
100M
1M
1G
MAX4201/MAX4204
OUTPUT IMPEDANCE vs. FREQUENCY
FREQUENCY (Hz)
100
1
1
10
100
1k
10k
100k
1M
10M
INPUT VOLTAGE NOISE DENSITY
vs. FREQUENCY
FREQUENCY (Hz)
10
100
10
100k
10M
100M
1M
1G
MAX4202/MAX4205
OUTPUT IMPEDANCE vs. FREQUENCY
FREQUENCY (Hz)
0
-100
100k
1M
10M
100M
1G
10G
MAX4203/MAX4204/MAX4205
CROSSTALK vs. FREQUENCY
-80
-90
FREQUENCY (Hz)
-60
-70
-40
-50
-20
-30
-10
10
0.1
1
10
100
1k
10k
100k
1M
10M
INPUT CURRENT NOISE DENSITY
vs. FREQUENCY
FREQUENCY (Hz)
1.0
-0.05
0
100
0
100
DIFFERENTIAL GAIN AND PHASE
(RL = 150
Ω)
-0.5
0
0
0.05
0.5
0.10
1.0
0.20
0.15
1.5
IRE
_________________________________Typical Operating Characteristics (continued)
(VCC = +5V, VEE = -5V, RL = 100
Ω for MAX4200/MAX4201/MAX4203/MAX4204, RL = 150Ω for MAX4202/MAX4205, unless
otherwise noted.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com