Electronic Components Datasheet Search
  English  ▼

X  

MAX4236 Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX4236
Description  SOT23, Very High Precision, 3V/5V Rail-to-Rail Op Amps
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4236 Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX4236 Datasheet HTML 1Page - Maxim Integrated Products MAX4236 Datasheet HTML 2Page - Maxim Integrated Products MAX4236 Datasheet HTML 3Page - Maxim Integrated Products MAX4236 Datasheet HTML 4Page - Maxim Integrated Products MAX4236 Datasheet HTML 5Page - Maxim Integrated Products MAX4236 Datasheet HTML 6Page - Maxim Integrated Products MAX4236 Datasheet HTML 7Page - Maxim Integrated Products MAX4236 Datasheet HTML 8Page - Maxim Integrated Products MAX4236 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
SOT23, Very High Precision, 3V/5V
Rail-To-Rail Op Amps
2
_______________________________________________________________________________________
ABSOLUTE MAXIMUM RATINGS
ELECTRICAL CHARACTERISTICS (SO-8 and µMAX-8)
(VCC = +2.4V to +5.5V, VEE = 0, VCM = 0, VOUT = VCC/2, RL = 100kΩ to VCC/2, TA = TMIN to TMAX, unless otherwise noted. Typical
values are at VCC = +5V and TA = +25°C.) (Note 1)
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
Supply Voltage (VCC - VEE) ......................................-0.3V to +6V
Analog Input Voltage (IN+ or IN-) ....(VEE - 0.3V) to (VCC + 0.3V)
Logic Input Voltage (SHDN) ............(VEE - 0.3V) to (VCC + 0.3V)
Current into Any Pin ............................................................20mA
Output Short-Circuit Duration....Continuous to Either VCC or VEE
Continuous Power Dissipation (TA = +70°C)
6-Pin SOT23-6 (derate 8.7mW/°C above +70°C) .........696mW
8-Pin µMAX (derate 4.5mW/°C above +70°C) ..............362mW
8-Pin SO (derate 5.9mW/°C above +70°C)...................471mW
Operating Temperature Range ...........................-40°C to +85°C
Junction Temperature ......................................................+150°C
Storage Temperature Range .............................-65°C to +150°C
Lead Temperature (soldering, 10s) .................................+300°C
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Supply Voltage Range
VCC
Guaranteed by the PSRR test
2.4
5.5
V
In normal mode
350
440
VCC = +5V
In shutdown mode
0.1
2
In normal mode
350
440
Quiescent Supply Current
ICC
VCC = +3V
In shutdown mode
0.1
2
µA
TA = +25
oC
±5
±20
VCC = +5V,
Grade A
TA = TMIN to TMAX
±150
TA = +25
oC
±5
±50
Input Offset Voltage
VOS
VCC = +5V,
Grade B
TA = TMIN to TMAX
±340
µV
Grade A
±0.6
±2
Input Offset Voltage Temperature
Coefficient
TCVOS
VCC = +5V
(Note 3)
Grade B
±0.6
±4.5
µV/°C
Input Bias Current
IB
(Note 2)
±1
±500
pA
Input Offset Current
IOS
(Note 2)
±1
pA
Input Resistance
RIN
Differential or common mode
1000
M
Ω
Input Common-Mode Voltage
VCM
Guaranteed by the CMRR test
-0.15
VCC - 1.2
V
TA = +25
oC
84
102
VCC = +5V;
-0.15V
≤ VCM ≤
(VCC - 1.2V)
TA = TMIN to TMAX
80
TA = +25
oC
82
102
Common-Mode Rejection Ratio
CMRR
VCC = +3.0V;
-0.15V
≤ VCM ≤
(VCC - 1.2V)
TA = TMIN to TMAX
78
dB
TA = +25
oC
97
120
Power-Supply Rejection Ratio
PSRR
VCC = +2.4V to
+5.5V
TA = TMIN to TMAX
95
dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com