Electronic Components Datasheet Search
  English  ▼

X  

MAX4236 Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # MAX4236
Description  SOT23, Very High Precision, 3V/5V Rail-to-Rail Op Amps
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4236 Datasheet(HTML) 3 Page - Maxim Integrated Products

  MAX4236 Datasheet HTML 1Page - Maxim Integrated Products MAX4236 Datasheet HTML 2Page - Maxim Integrated Products MAX4236 Datasheet HTML 3Page - Maxim Integrated Products MAX4236 Datasheet HTML 4Page - Maxim Integrated Products MAX4236 Datasheet HTML 5Page - Maxim Integrated Products MAX4236 Datasheet HTML 6Page - Maxim Integrated Products MAX4236 Datasheet HTML 7Page - Maxim Integrated Products MAX4236 Datasheet HTML 8Page - Maxim Integrated Products MAX4236 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
SOT23, Very High Precision, 3V/5V
Rail-To-Rail Op Amps
_______________________________________________________________________________________
3
ELECTRICAL CHARACTERISTICS (SO-8 and µMAX-8) (continued)
(VCC = +2.4V to +5.5V, VEE = 0, VCM = 0, VOUT = VCC/2, RL = 100kΩ to VCC/2, TA = TMIN to TMAX, unless otherwise noted. Typical
values are at VCC = +5V and TA = +25°C.) (Note 1)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
RL = 100kΩ, VOUT =
15mV to (VCC - 50mV)
110
128
VCC = +5V, RL
connected to
VCC/2,
TA = +25
oC
RL = 1kΩ, VOUT =
0.15V to (VCC - 0.3V)
105
114
RL = 100kΩ, VOUT =
15mV to (VCC - 50mV)
110
VCC = +5V, RL
connected to
VCC/2,
TA = TMIN to
TMAX
RL = 1kΩ,
VOUT = 0.15V
to (VCC - 0.3V)
100
RL = 100kΩ, VOUT =
15mV to (VCC - 50mV)
110
128
VCC = +3V, RL
connected to
VCC/2,
TA = +25
oC
RL = 1kΩ,
VOUT = 0.15V
to (VCC - 0.3V)
100
114
RL = 100kΩ, VOUT =
15mV to (VCC - 50mV)
105
Large-Signal Voltage Gain
AVOL
VCC = +3V, RL
connected to
VCC/2,
TA = TMIN to
TMAX
RL = 1kΩ,
VOUT = 0.15V
to (VCC - 0.3V)
95
dB
VCC - VOH
210
VCC = +5V,
RL connected to VCC /2,
RL = 100kΩ
VOL - VEE
310
VCC - VOH
150
250
Output Voltage Swing
VOUT
VCC = +5V,
RL connected to VCC/2,
RL = 1kΩ
VOL - VEE
50
100
mV
Shorted to VEE
10
Output Short-Circuit Current
IOUT(SC)
Shorted to VCC
30
mA
MAX4236
1.7
Gain-Bandwidth Product
GBWP
RL = ∞, CL = 5pF
MAX4237
7.5
MHz
MAX4236
0.3
Slew Rate
SR
VCC = +5V, VOUT = 4V step
MAX4237
1.3
V/µs
MAX4236
1
Settling Time
tS
VOUT settling to within
0.01%
MAX4237
1
µs
Total Harmonic Distortion
THD
f = 5kHz, VOUT = 2Vp-p, VCC = +5V
RL = 10kΩ
0.001
%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com