Electronic Components Datasheet Search
  English  ▼

X  

MAX4271 Datasheet(PDF) 16 Page - Maxim Integrated Products

Part # MAX4271
Description  3V to 12V Current-Limiting Hot Swap Controllers with Autoretry, DualSpeed/BiLevel Fault Protection
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4271 Datasheet(HTML) 16 Page - Maxim Integrated Products

Back Button MAX4271 Datasheet HTML 12Page - Maxim Integrated Products MAX4271 Datasheet HTML 13Page - Maxim Integrated Products MAX4271 Datasheet HTML 14Page - Maxim Integrated Products MAX4271 Datasheet HTML 15Page - Maxim Integrated Products MAX4271 Datasheet HTML 16Page - Maxim Integrated Products MAX4271 Datasheet HTML 17Page - Maxim Integrated Products MAX4271 Datasheet HTML 18Page - Maxim Integrated Products MAX4271 Datasheet HTML 19Page - Maxim Integrated Products MAX4271 Datasheet HTML 20Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 24 page
background image
3V to 12V Current-Limiting Hot Swap Controllers
with Autoretry, DualSpeed/BiLevel Fault Protection
16
______________________________________________________________________________________
configured in automatic retry mode (see MOSFET
Thermal Considerations).
Using the MAX4271/MAX4273 in latched mode allows
the consideration of MOSFETs with higher RDS(ON) and
lower power ratings. A MOSFET can typically withstand
single-shot pulses with higher dissipation than the
specified package rating. Low MOSFET gate capaci-
tance is not necessary since the inrush current limiting
is achieved by limiting the gate dv/dt. Table 3 lists
some recommended manufacturers and components.
Sense Resistor
The slow comparator threshold voltage is set at 50mV.
Select a sense resistor that causes a 50mV voltage
drop at a current level above the maximum normal
operating current; typically, set the overload current at
1.2 to 1.5 times the nominal load current. The fast com-
parator threshold is typically set at 200mV. This will set
the fault current limit at four times the overload current
limit. The MAX4273 fast comparator threshold can be
set between 50mV and 750mV; see Table 4 for a
detailed listing.
Choose the sense resistor power rating according to
the device configuration. If no retry mode is selected,
PRSENSE = (IOVERLOAD)2 x RSENSE; if retry is selected,
then PRSENSE = (IFAULT)2 x RSENSE x (tON/tRETRY).
Fast Comparator Threshold (RTH) (MAX4273)
The fast comparator threshold is determined by the
external resistor connected at RTH. To select threshold
voltages between 50mV and 750mV, use resistor val-
ues between 5k
Ω and 75kΩ according to Figure 7.
Resistor values between 200
Ω and 5kΩ are not recom-
mended. Setting the threshold voltage of the fast com-
parator below 50mV will effectively override the slow
comparator operation. The MAX4273 fast comparator
can be disabled by shorting the RTH pin to VIN (VIN -
25mV or less). Ground RTH to set the threshold to
200mV internally.
Startup and Retry Timers (CTIM, CTON)
The startup (tSTART) and retry (tRETRY) timers are deter-
mined by the capacitors connected at CTIM and
CTON. The capacitor connected to CTIM has two func-
tions for the three devices as follows:
Table 4. Current Levels vs. RSENSE
RSENSE (mΩ)
PART NUMBER
OVERLOAD THRESHOLD
SET BY SLOW COMPARATOR (A)
FAULT CURRENT THRESHOLD
SET BY FAST COMPARATOR (A)
MAX4271/MAX4272
5
20
10
MAX4273
5
5 to 75
MAX4271/MAX4272
1
4
50
MAX4273
1
1 to 15
MAX4271/MAX4272
0.5
2
100
MAX4273
0.5
0.5 to 7.5
Table 3. Component Manufacturers
COMPONENT
MANUFACTURER
PHONE
WEB
Dale-Vishay
402-564-3131
www.vishay.com
Sense Resistors
IRC
704-264-8861
www.irctt.com
Fairchild
888-522-5372
www.fairchildsemi.com
International Rectifier
310-322-3331
www.irf.com
MOSFETS
Motorola
602-244-3576
www.mot-sps.com/ppd/
DEVICE
CTIM FUNCTION
MAX4271
Startup time
MAX4272
Startup time and sets retry timer
MAX4273
Sets retry timer



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com