Electronic Components Datasheet Search
  English  ▼

X  

MAX4271 Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX4271
Description  3V to 12V Current-Limiting Hot Swap Controllers with Autoretry, DualSpeed/BiLevel Fault Protection
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4271 Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX4271 Datasheet HTML 1Page - Maxim Integrated Products MAX4271 Datasheet HTML 2Page - Maxim Integrated Products MAX4271 Datasheet HTML 3Page - Maxim Integrated Products MAX4271 Datasheet HTML 4Page - Maxim Integrated Products MAX4271 Datasheet HTML 5Page - Maxim Integrated Products MAX4271 Datasheet HTML 6Page - Maxim Integrated Products MAX4271 Datasheet HTML 7Page - Maxim Integrated Products MAX4271 Datasheet HTML 8Page - Maxim Integrated Products MAX4271 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 24 page
background image
3V to 12V Current-Limiting Hot Swap Controllers
with Autoretry, DualSpeed/BiLevel Fault Protection
2
_______________________________________________________________________________________
ABSOLUTE MAXIMUM RATINGS
ELECTRICAL CHARACTERISTICS
(VIN = +2.7V to +13.2V, TA = -40°C to +85°C, unless otherwise noted. Typical values are at VIN = +5V and TA = +25°C.) (Note 3)
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
Note 1: GATE can be pulled below LLMON, but current must be limited to 2mA.
Note 2: INC and ON can be pulled below ground. Limiting the current to 2mA ensures that these pins are never lower than about -0.8V.
IN to GND ............................................................................+15V
STAT, OUTC, LLMON, AUXVCC to GND ...............-0.3V to +14V
GATE to GND ..............................................-0.3V to (VIN + 8.5V)
GATE to LLMON (Note 1).........................................-1V to +8.5V
INC, ON to GND (Note 2) .........................................-1V to +14V
CEXT to GND ...............................................-8.5V to (VIN + 0.3V)
CSPD, CTON,
REF to GND ...........-0.3V to the lower of (VIN + 0.3V) or +12V
VSENSE, RTH, CTIM to GND.......................-0.3V to (VIN + 0.3V)
Current into INC, ON (Note 2) ............................................±2mA
Current into Any Other Pin ...............................................±50mA
Continuous Power Dissipation (TA = +70°C)
8-Pin SO (derate 5.9mW/°C above +70°C)..................471mW
16-Pin QSOP (derate 8.3mW/°C above +70°C)...........667mW
16-Pin SO (derate 8.7mW/°C above +70°C)................696mW
Operating Temperature Range ...........................-40°C to +85°C
Storage Temperature Range .............................-65°C to +150°C
Lead Temperature (soldering, 10s) .................................+300°C
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
POWER SUPPLIES
Input Voltage Range
VIN
2.7
13.2
V
Supply Current
IQ
VON = VIN
0.6
1
mA
CURRENT CONTROL
TA = +25
°C
455055
Slow Comparator Threshold
VSC,TH
VIN - VSENSE
TA = TMIN to TMAX
43.5
56
mV
CSPD = floating
10
20
40
µs
Slow Comparator Response
Time
tCSPD
CSPD = 100nF to GND
10
20
40
ms
TA = +25
°C
455055
5k
Ω on
RTH to
VIN
TA = TMIN to TMAX
43.5
56
TA = +25
°C
675
750
825
75k
Ω
on RTH
to VIN
TA = TMIN to TMAX
650
840
MAX4273
only
RTH = GND
Fast Comparator Threshold
VFC,TH
MAX4271/MAX4272
180
200
220
mV
Fast Comparator Response
Time
tFCD
10mV overdrive, from overload condition to
gate discharging
350
ns
SENSE Input Bias Current
IB,SENSE
VSENSE = VIN
0.2
10
µA
MOSFET DRIVER
MAX4271/MAX4272 CTIM = 100nF
21
31
41
MAX4273 CTON = 100nF
21
31
41
ms
Startup Period
(Notes 4, 5)
tSTART
No capacitor
5.5
µs
Gate Charge Current
IGATE
GATE = IN (Note 6)
100
µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com