Electronic Components Datasheet Search
  English  ▼

X  

MAX4285ESA Datasheet(PDF) 8 Page - Maxim Integrated Products

Part # MAX4285ESA
Description  3V/5V, 250MHz, SOT23 ADC Buffer Amplifiers with High-Speed Disable
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4285ESA Datasheet(HTML) 8 Page - Maxim Integrated Products

Back Button MAX4285ESA Datasheet HTML 4Page - Maxim Integrated Products MAX4285ESA Datasheet HTML 5Page - Maxim Integrated Products MAX4285ESA Datasheet HTML 6Page - Maxim Integrated Products MAX4285ESA Datasheet HTML 7Page - Maxim Integrated Products MAX4285ESA Datasheet HTML 8Page - Maxim Integrated Products MAX4285ESA Datasheet HTML 9Page - Maxim Integrated Products MAX4285ESA Datasheet HTML 10Page - Maxim Integrated Products MAX4285ESA Datasheet HTML 11Page - Maxim Integrated Products MAX4285ESA Datasheet HTML 12Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
+3V/+5V, 250MHz, SOT23 ADC Buffer Amplifiers
with High-Speed Disable
8
_______________________________________________________________________________________
INPUT
50mV/
div
OUTPUT
50mV/
div
MAX4285/MAX4287/MAX4288
SMALL-SIGNAL PULSE RESPONSE
(AV = +1V/V)
TIME (5ns/div)
INPUT
10mV/
div
OUTPUT
50mV/
div
TIME (5ns/div)
MAX4286/MAX4387/MAX4388
SMALL-SIGNAL PULSE RESPONSE
(AV = +5V/V)
INPUT
50mV/
div
OUTPUT
50mV/
div
MAX4285/MAX4287/MAX4288
SMALL-SIGNAL PULSE RESPONSE
(CLOAD = 22pF, AV = +1V/V)
TIME (5ns/div)
INPUT
10mV/
div
OUTPUT
50mV/
div
TIME (5ns/div)
MAX4286/MAX4387/MAX4388
SMALL-SIGNAL PULSE RESPONSE
(CLOAD = 47pF, AV = +5V/V)
100M
1G
-60
-50
-40
-20
-30
-10
0
100k
1M
10M
POWER-SUPPLY REJECTION RATIO
vs. FREQUENCY
FREQUENCY (Hz)
10
14
12
18
16
22
20
24
40
100
130
70
160
190
220
250
ISOLATION RESISTANCE
vs. LOAD CAPACITANCE
CLOAD (pF)
MAX4286/MAX4387/MAX4388
AV = +5V/V
MAX4285/87/88
AV = +1V/V
100M
1G
0
0.6
0.4
0.2
0.8
1.0
1.2
1.6
1.4
1.8
2.0
100k
1M
10M
GROUP DELAY vs. FREQUENCY
FREQUENCY (Hz)
100M
1G
-100
-70
-80
-90
-60
-50
-40
-20
-30
-10
0
100k
1M
10M
COMMON-MODE REJECTION
vs. FREQUENCY
FREQUENCY (Hz)
10k
100k
1M
10M
100M
1G
OUTPUT IMPEDANCE vs. FREQUENCY
FREQUENCY (Hz)
100
0.01
0.1
1
10
Typical Operating Characteristics (continued)
(VCC = +3V, VEE = 0, DISABLE_
≥ 2V, RL = 300Ω to VCC/2, VCM = +1.0V, TA =+25°C, unless otherwise noted.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com