Electronic Components Datasheet Search
  English  ▼

X  

MAX4285ESA Datasheet(PDF) 9 Page - Maxim Integrated Products

Part # MAX4285ESA
Description  3V/5V, 250MHz, SOT23 ADC Buffer Amplifiers with High-Speed Disable
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4285ESA Datasheet(HTML) 9 Page - Maxim Integrated Products

Back Button MAX4285ESA Datasheet HTML 5Page - Maxim Integrated Products MAX4285ESA Datasheet HTML 6Page - Maxim Integrated Products MAX4285ESA Datasheet HTML 7Page - Maxim Integrated Products MAX4285ESA Datasheet HTML 8Page - Maxim Integrated Products MAX4285ESA Datasheet HTML 9Page - Maxim Integrated Products MAX4285ESA Datasheet HTML 10Page - Maxim Integrated Products MAX4285ESA Datasheet HTML 11Page - Maxim Integrated Products MAX4285ESA Datasheet HTML 12Page - Maxim Integrated Products MAX4285ESA Datasheet HTML 13Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
+3V/+5V, 250MHz, SOT23 ADC Buffer Amplifiers
with High-Speed Disable
_______________________________________________________________________________________
9
Typical Operating Characteristics (continued)
(VCC = +3V, VEE = 0, DISABLE_
≥ 2V, RL = 300Ω to VCC/2, VCM = +1.0V, TA =+25°C, unless otherwise noted.)
VOLTAGE NOISE DENSITY
vs. FREQUENCY
FREQUENCY (Hz)
100
1
10
10
10k
100k
1M
100
1k
10M
100
1
1
10k
100k
1M
100
1k
10M
CURRENT NOISE DENSITY
vs. FREQUENCY
10
FREQUENCY (Hz)
10
10
12
11
14
13
16
15
17
19
18
20
-50
-20 -5
10
-35
25 40 55
85
70
100
INPUT BIAS CURRENT
vs. TEMPERATURE
TEMPERATURE (°C)
0
0.1
0.2
0.3
0.4
0.5
-50
10 25
-20 -5
-35
40 55 70 85 100
INPUT OFFSET CURRENT
vs. TEMPERATURE
TEMPERATURE (°C)
100M
1G
-10
-4
-6
-8
-2
0
2
6
4
8
10
100k
1M
10M
MAX4286
SMALL-SIGNAL GAIN vs. FREQUENCY
(CLOAD = 22pF)
FREQUENCY (Hz)
AV = +5V/V
-5
-3
-4
-1
-2
1
0
2
4
3
5
-50
-20 -5
10
-35
25 40 55
85
70
100
INPUT OFFSET VOLTAGE
vs. TEMPERATURE
TEMPERATURE (°C)
18
19
21
20
22
-50
-20 -5
10 25
-35
40 55 70 85 100
POWER-SUPPLY CURRENT
vs. TEMPERATURE
TEMPERATURE (°C)
100M
1G
-10
-4
-6
-8
-2
0
2
6
4
8
10
100k
1M
10M
MAX4286
SMALL-SIGNAL GAIN vs. FREQUENCY
(CLOAD = 37pF)
FREQUENCY (Hz)
AV = +5V/V
100M
1G
-10
-4
-6
-8
-2
0
2
6
4
8
10
100k
1M
10M
MAX4286
SMALL-SIGNAL GAIN vs. FREQUENCY
(CLOAD = 47pF)
FREQUENCY (Hz)
AV = +5V/V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com