Electronic Components Datasheet Search
  English  ▼

X  

MAX4315EEE Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX4315EEE
Description  High-Speed, Low-Power, Single-Supply, Multichannel, Video Multiplexer-Amplifiers
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4315EEE Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX4315EEE Datasheet HTML 1Page - Maxim Integrated Products MAX4315EEE Datasheet HTML 2Page - Maxim Integrated Products MAX4315EEE Datasheet HTML 3Page - Maxim Integrated Products MAX4315EEE Datasheet HTML 4Page - Maxim Integrated Products MAX4315EEE Datasheet HTML 5Page - Maxim Integrated Products MAX4315EEE Datasheet HTML 6Page - Maxim Integrated Products MAX4315EEE Datasheet HTML 7Page - Maxim Integrated Products MAX4315EEE Datasheet HTML 8Page - Maxim Integrated Products MAX4315EEE Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
dB
High-Speed, Low-Power, Single-Supply,
Multichannel, Video Multiplexer-Amplifiers
2
_______________________________________________________________________________________
ABSOLUTE MAXIMUM RATINGS
DC ELECTRICAL CHARACTERISTICS
(VCC = +5V, VEE = 0, SHDN ≥ 4V, RL = ∞, VOUT = 2.5V, TA = TMIN to TMAX, unless otherwise noted. Typical values are at
TA = +25°C.)
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
Supply Voltage (VCC to VEE) ..................................................12V
Input Voltage....................................(VEE - 0.3V) to (VCC + 0.3V)
All Other Pins ...................................(VEE - 0.3V) to (VCC + 0.3V)
Output Current................................................................±120mA
Short-Circuit Duration (VOUT to GND, VCC or VEE) ....Continuous
Continuous Power Dissipation (TA = +70°C)
8-Pin SO (derate 5.9mW/°C above +70°C)...................471mW
8-Pin µMAX (derate 4.1mW/°C above +70°C) ..............330mW
14-Pin SO (derate 8.3mW/°C above +70°C).................667mW
16-Pin SO (derate 8.7mW/°C above +70°C).................696mW
16-Pin QSOP (derate 8.3mW/°C above +70°C)............667mW
Operating Temperature Range ...........................-40°C to +85°C
Storage Temperature Range .............................-65°C to +150°C
Lead Temperature (soldering, 10sec) .............................+300°C
MAX4310/MAX4311/MAX4312, inferred from
CMRR test
MAX4310/MAX4311/MAX4312,
RL = 150Ω to GND, 0.25V ≤ VOUT ≤ 4.2V
Inferred from PSRR test
MAX4313/MAX4314/MAX4315
MAX4310/MAX4311/MAX4312, open loop
MAX4310/MAX4311/MAX4312 only
IIN_
MAX4310/MAX4311/
MAX4312 only
0
≤ VCM ≤ 2.2V, MAX4310/MAX4311/MAX4312 only
VIN varied over VCM, MAX4310/MAX4311/
MAX4312 only
CONDITIONS
V/V
1.9
2.0
2.1
AVCL
Voltage Gain
dB
50
59
AVOL
Open-Loop Gain
k
Ω
1
ROUT
Disabled Output Resistance
35
0.025
ROUT
Output Resistance
8
k
Ω
70
RIN
Differential Input Resistance
M
Ω
3
RIN
Common-Mode Input
Resistance
V
0.035
VCC - 2.8
V
4.0
10.5
VCC
Operating Supply Voltage
Range
Input Voltage Range
µA
0.1
2
IOS
Input Offset Current
µA
714
IB
Input Bias Current
mV
±1
Input Offset Voltage
Matching
µV/°C
±7
TCVOS
Input Offset Voltage Drift
dB
73
95
CMRR
Common-Mode Rejection
Ratio
mV
±5.0
±20
VOS
Input Offset Voltage
UNITS
MIN
TYP
MAX
SYMBOL
PARAMETER
MAX4313/MAX4314/1MAX4315, inferred from
output voltage swing
0.035
VCC - 2.7
Open loop
Closed loop, AV = +1V/V
MAX4313/MAX4314/MAX4315
Ω
0.025
MAX4313/MAX4314/MAX4315,
RL = 150Ω to GND, 0.25V ≤ VOUT ≤ 4.2V
IFB, MAX4310/MAX4311/MAX4312 only
714
µA
IFB
Feedback Bias Current



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com