Electronic Components Datasheet Search
  English  ▼

X  

MAX4315EEE Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # MAX4315EEE
Description  High-Speed, Low-Power, Single-Supply, Multichannel, Video Multiplexer-Amplifiers
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4315EEE Datasheet(HTML) 3 Page - Maxim Integrated Products

  MAX4315EEE Datasheet HTML 1Page - Maxim Integrated Products MAX4315EEE Datasheet HTML 2Page - Maxim Integrated Products MAX4315EEE Datasheet HTML 3Page - Maxim Integrated Products MAX4315EEE Datasheet HTML 4Page - Maxim Integrated Products MAX4315EEE Datasheet HTML 5Page - Maxim Integrated Products MAX4315EEE Datasheet HTML 6Page - Maxim Integrated Products MAX4315EEE Datasheet HTML 7Page - Maxim Integrated Products MAX4315EEE Datasheet HTML 8Page - Maxim Integrated Products MAX4315EEE Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
High-Speed, Low-Power, Single-Supply,
Multichannel, Video Multiplexer-Amplifiers
DC ELECTRICAL CHARACTERISTICS (continued)
(VCC = +5V, VEE = 0, SHDN ≥ 4V, RL = ∞, VOUT = 2.5V, TA = TMIN to TMAX, unless otherwise noted. Typical values are at
TA = +25°C.)
MAX4310/MAX4313
VCC = 4.0V to 10.5V
RL = 30Ω
mA
6.1
7.8
ICC
Quiescent Supply Current
dB
52
63
PSRR
Power-Supply Rejection Ratio
mA
±75
±95
IOUT
Output Current
SHDN
≤ VIL
µA
560
750
Shutdown Supply Current
VIH ≥ VCC - 1V
VIL ≤ VEE + 1V
µA
0.3
5
IIH
Logic-High Input Current
µA
-500
-320
IIL
Logic-Low Input Current
V
VCC - 1
VIH
Logic-High Threshold
VCC - VOH
VCC - VOH
VOL - VEE
VOL - VEE
0.25
0.4
0.04
0.07
RL = 150Ω
0.73
0.9
0.03
0.06
AC ELECTRICAL CHARACTERISTICS
(VCC = +5V; VEE = 0; SHDN ≥ 4V; RL = 150Ω; VCM = 1.5V; AVCL = +1V/V (MAX4310/MAX4311/MAX4312), AVCL = +2V/V
(MAX4313/MAX4314/MAX4315); TA = +25°C; unless otherwise noted.)
V
VEE + 1
VIL
Logic-Low Threshold
_______________________________________________________________________________________
3
-0.1dB Bandwidth
BW(-0.1dB)
40
MHz
60
MAX4310
MAX4311
VOUT = 100mVp-p
46
78
MAX4314
MAX4315
40
35
MAX4312
MAX4313
97
127
MAX4314
MAX4315
150
265
MAX4312
MAX4313
MAX4311
MAX4310
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS
-3dB Bandwidth
BW(-3dB)
345
MHz
280
CONDITIONS
VOUT = 100mVp-p
VOUT
Output Voltage Swing
V
RL = 10kΩ
CONDITIONS
UNITS
MIN
TYP
MAX
SYMBOL
PARAMETER
MAX4311/MAX4314
6.9
8.8
MAX4312/MAX4315
7.4
9.4
LOGIC CHARACTERISTICS (SHDN, A0, A1, A2)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com