Electronic Components Datasheet Search
  English  ▼

X  

MAX4332ESA Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MAX4332ESA
Description  Single/Dual/Quad, Low-Power, Single-Supply, Rail-to-Rail I/O Op Amps with Shutdown
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4332ESA Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAX4332ESA Datasheet HTML 1Page - Maxim Integrated Products MAX4332ESA Datasheet HTML 2Page - Maxim Integrated Products MAX4332ESA Datasheet HTML 3Page - Maxim Integrated Products MAX4332ESA Datasheet HTML 4Page - Maxim Integrated Products MAX4332ESA Datasheet HTML 5Page - Maxim Integrated Products MAX4332ESA Datasheet HTML 6Page - Maxim Integrated Products MAX4332ESA Datasheet HTML 7Page - Maxim Integrated Products MAX4332ESA Datasheet HTML 8Page - Maxim Integrated Products MAX4332ESA Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
General Description
The MAX4330–MAX4334 single/dual/quad op amps
combine a wide 3MHz bandwidth, low-power operation,
and excellent DC accuracy with Rail-to-Rail® inputs and
outputs. These devices require only 245µA per amplifier,
and operate from either a single +2.3V to +6.5V supply
or dual ±1.15V to ±3.25V supplies. The input common-
mode voltage range extends 250mV beyond VEE and
VCC, and the outputs swing rail-to-rail. The MAX4331/
MAX4333 feature a shutdown mode in which the output
goes high impedance and the supply current decreases
to 9µA per amplifier.
Low-power operation combined with rail-to-rail input
common-mode range and output swing makes these
amplifiers ideal for portable/battery-powered equipment
and other low-voltage, single-supply applications.
Although the minimum operating voltage is specified at
2.3V, these devices typically operate down to 2.0V. Low
offset voltage and high speed make these amplifiers
excellent choices for signal-conditioning stages in pre-
cision, low-voltage data-acquisition systems. The
MAX4330 is available in the space-saving 5-pin SOT23
package, and the MAX4331/MAX4333 are offered in
a µMAX package.
Applications
Portable/Battery-Powered Equipment
Data-Acquisition Systems
Signal Conditioning
Low-Power, Low-Voltage Applications
____________________________Features
o 3MHz Gain-Bandwidth Product
o 245µA Quiescent Current per Amplifier
o Available in Space-Saving SOT23-5 Package
(MAX4330)
o +2.3V to +6.5V Single-Supply Operation
o Rail-to-Rail Input Common-Mode Voltage Range
o Rail-to-Rail Output Voltage Swing
o 250µV Offset Voltage
o Low-Power, 9µA (per amp) Shutdown Mode
(MAX4331/MAX4333)
o No Phase Reversal for Overdriven Inputs
o Capable of Driving 2k
Ω Loads
o Unity-Gain Stable
Single/Dual/Quad, Low-Power, Single-Supply,
Rail-to-Rail I/O Op Amps with Shutdown
________________________________________________________________
Maxim Integrated Products
1
VEE
IN-
IN+
1
5
VCC
OUT
MAX4330
SOT23-5
TOP VIEW
2
3
4
Pin Configurations
19-1192; Rev 3; 2/98
PART
MAX4330EUK-T
MAX4331ESA
-40°C to +85°C
-40°C to +85°C
TEMP. RANGE
PIN-
PACKAGE
5 SOT23-5
8 SO
Ordering Information
PART
NO. OF AMPS
PER PACKAGE
Selector Guide
MAX4330
1
—
SHUTDOWN
MODE
5-pin SOT23
PIN-PACKAGE
MAX4331
1
8-pin SO/µMAX
Yes
MAX4332
2
8-pin SO
—
MAX4333
2
10-pin µMAX,
14-pin SO
Yes
MAX4334
4
14-pin SO
—
MAX4331EUA
-40°C to +85°C
8 µMAX
SOT
TOP MARK
ABAJ
—
—
Pin Configurations continued at end of data sheet.
Rail-to-Rail is a registered trademark of Nippon Motorola Ltd.
MAX4332ESA
-40°C to +85°C
8 SO
—
MAX4333ESD
-40°C to +85°C
14 SO
—
MAX4333EUB
-40°C to +85°C
10 µMAX
—
MAX4334ESD
-40°C to +85°C
14 SO
—
For free samples & the latest literature: http://www.maxim-ic.com, or phone 1-800-998-8800.
For small orders, phone 408-737-7600 ext. 3468.


Similar Part No. - MAX4332ESA

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4335 MAXIM-MAX4335 Datasheet
542Kb / 17P
SC70/SOT23-8, 50mA IOUT, Rail-to-Rail I/O Op Amps with Shutdown/Mute
Rev 1; 9/01
MAX4335EXT+T MAXIM-MAX4335EXT+T Datasheet
2Mb / 16P
SC70/SOT23-8, 50mA IOUT, Rail-to-Rail I/O Op Amps with Shutdown/Mute
2021
MAX4335EXT-T MAXIM-MAX4335EXT-T Datasheet
542Kb / 17P
SC70/SOT23-8, 50mA IOUT, Rail-to-Rail I/O Op Amps with Shutdown/Mute
Rev 1; 9/01
MAX4335 MAXIM-MAX4335_V01 Datasheet
2Mb / 16P
SC70/SOT23-8, 50mA IOUT, Rail-to-Rail I/O Op Amps with Shutdown/Mute
2021
MAX4336 MAXIM-MAX4336 Datasheet
542Kb / 17P
SC70/SOT23-8, 50mA IOUT, Rail-to-Rail I/O Op Amps with Shutdown/Mute
Rev 1; 9/01
More results

Similar Description - MAX4332ESA

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4122 MAXIM-MAX4122 Datasheet
285Kb / 16P
Single/Dual/Quad, Wide-Bandwidth, Low-Power, Single-Supply Rail-to-Rail I/O Op Amps
19-1087; Rev 1; 8/97
MAX4400 MAXIM-MAX4400 Datasheet
298Kb / 12P
Single/Dual/Quad, Low-Cost, Single-Supply, Rail-to-Rail Op Amps with Shutdown
Rev 0; 1/00
MAX4480 MAXIM-MAX4480 Datasheet
471Kb / 13P
Single/Dual/Quad, Low-Cost, Single-Supply, Rail-to-Rail Op Amps with Shutdown
Rev 1; 1/01
MAX4400_V4 MAXIM-MAX4400_V4 Datasheet
186Kb / 10P
Single/Dual/Quad, Low-Cost, Single-Supply Rail-to-Rail Op Amps with Shutdown
Rev 4; 7/12
MAX4480 MAXIM-MAX4480_12 Datasheet
288Kb / 10P
Single/Dual/Quad, Low-Cost, Single-Supply, Rail-to-Rail Op Amps with Shutdown
Rev 2; 10/12
MAX4124EUK-T MAXIM-MAX4124EUK-T Datasheet
287Kb / 16P
Single/Dual/Quad, Wide-Bandwidth, Low-Power, Single-Supply Rail-to-Rail I/O Op Amps
Rev 1; 8/97
MAX4400AUK MAXIM-MAX4400AUK Datasheet
178Kb / 10P
Single/Dual/Quad, Low-Cost, Single-Supply, Rail-to-Rail Op Amps with Shutdown
Rev 4; 7/12
MAX4400 MAXIM-MAX4400_V01 Datasheet
2Mb / 13P
Single/Dual/Quad, Low-Cost, Single-Supply, Rail-to-Rail Op Amps with Shutdown
2019
MAX4480 MAXIM-MAX4480_V01 Datasheet
2Mb / 10P
Single/Dual/Quad, Low-Cost, Single-Supply, Rail-to-Rail Op Amps with Shutdown
2014
MAX4130 MAXIM-MAX4130_V01 Datasheet
256Kb / 16P
Single/Dual/Quad, Wide-Bandwidth, Low-Power, Single-Supply, Rail-to-Rail I/O Op Amps
2014
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com