Electronic Components Datasheet Search
  English  ▼

X  

MAX4332ESA Datasheet(PDF) 13 Page - Maxim Integrated Products

Part # MAX4332ESA
Description  Single/Dual/Quad, Low-Power, Single-Supply, Rail-to-Rail I/O Op Amps with Shutdown
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4332ESA Datasheet(HTML) 13 Page - Maxim Integrated Products

Back Button MAX4332ESA Datasheet HTML 8Page - Maxim Integrated Products MAX4332ESA Datasheet HTML 9Page - Maxim Integrated Products MAX4332ESA Datasheet HTML 10Page - Maxim Integrated Products MAX4332ESA Datasheet HTML 11Page - Maxim Integrated Products MAX4332ESA Datasheet HTML 12Page - Maxim Integrated Products MAX4332ESA Datasheet HTML 13Page - Maxim Integrated Products MAX4332ESA Datasheet HTML 14Page - Maxim Integrated Products MAX4332ESA Datasheet HTML 15Page - Maxim Integrated Products MAX4332ESA Datasheet HTML 16Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
Single/Dual/Quad, Low-Power, Single-Supply,
Rail-to-Rail I/O Op Amps with Shutdown
______________________________________________________________________________________
13
Do not three-state SHDN. Due to the output leakage
currents of three-state devices and the small internal
pull-up current for SHDN, three-stating this pin could
result in indeterminate logic levels, and could adversely
affect op-amp operation.
The logic threshold for SHDN is always referred to VEE,
not GND. When using dual supplies, pull SHDN to VEE
to place the op amp in shutdown mode.
Power Supplies and Layout
The MAX4330–MAX4334 operate from a single +2.3V
to +6.5V power supply, or from dual ±1.15V to ±3.25V
supplies. For single-supply operation, bypass the
power supply with a 0.1µF capacitor to ground (VEE).
For dual supplies, bypass both VCC and VEE with their
own set of capacitors to ground.
Good layout technique helps optimize performance by
decreasing the amount of stray capacitance at the op
amp’s inputs and outputs. To decrease stray capaci-
tance, minimize trace lengths by placing external com-
ponents close to the op amp’s pins.
Figure 9. Power-Up/Down Supply Current
VCC
1V/div
100
µA/div
ICC
5
µs/div
Figure 11. Shutdown Enable/Disable Supply Current
SHDN
1V/div
100
µA/div
ICC
5
µs/div
Figure 10. Shutdown Output Voltage Enable/Disable
SHDN
1V/div
500mV/div
OUT
5
µs/div



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com