Electronic Components Datasheet Search
  English  ▼

X  

MAX4370ESA Datasheet(PDF) 13 Page - Maxim Integrated Products

Part # MAX4370ESA
Description  Current-Regulating Hot-Swap Controller with DualSpeed/BiLevel Fault Protection
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4370ESA Datasheet(HTML) 13 Page - Maxim Integrated Products

Back Button MAX4370ESA Datasheet HTML 8Page - Maxim Integrated Products MAX4370ESA Datasheet HTML 9Page - Maxim Integrated Products MAX4370ESA Datasheet HTML 10Page - Maxim Integrated Products MAX4370ESA Datasheet HTML 11Page - Maxim Integrated Products MAX4370ESA Datasheet HTML 12Page - Maxim Integrated Products MAX4370ESA Datasheet HTML 13Page - Maxim Integrated Products MAX4370ESA Datasheet HTML 14Page - Maxim Integrated Products MAX4370ESA Datasheet HTML 15Page - Maxim Integrated Products MAX4370ESA Datasheet HTML 16Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
The actual turn-on time is determined by the longer of
the two timings of Case A and Case B. Set the start-up
timer (tSTART) at 2 · tON or longer to guarantee enough
time for the output voltage to settle; also take into con-
sideration device parameter variation.
Slow Comparator Response Time (CSPD)
The slow comparator threshold is set at 50mV, and its
response time is determined by the external capacitor
connected to CSPD (Figure 8).
A minimum response time of 20µs (typ) is achieved by
leaving this pin floating. This time is determined inter-
nally and is not affected by stray capacitance at CSPD
(up to 100pF).
Set the slow comparator response time to be longer
than the normal operation load transients.
ON Comparator
The ON/OFF function of the MAX4370 is controlled by
the ON comparator. This is a precision voltage com-
parator that can be used for temperature monitoring
(Figure 9) or as an additional undervoltage lockout. The
comparator threshold voltage is set at 0.6V with a 3mV
typical hysteresis.
The ON comparator initiates start-up when its input volt-
age (VON) rises above the threshold voltage, and turns
off the MOSFET when the voltage falls below the
threshold. The ON comparator is also used to reset the
MAX4370 after a fault condition.
The ON comparator input and the STAT output can be
pulled to voltages up to 14V independently of VIN.
In some applications, it is useful to use connectors with
staggered leads. In Figure 10, the ON pin forces the
removable board to be powered up only when all con-
nections are made.
Current-Regulating Hot-Swap Controller with
DualSpeed/BiLevel Fault Protection
______________________________________________________________________________________
13
0.01
0.1
1
10
100
1000
CSPD (nF)
1000
0.1
0.01
1
10
100
tCSPD (ms) = 0.2 · CSPD (nF)
Figure 8. Slow Comparator Response Time vs. CSPD
LOGIC
CONTROL
VREF
R2
ON
NTC
R1 = R2
· (VREF / O.6 - 1)
R2 = VALUE OF THE NTC RESISTOR AT THE LIMIT TEMPERATURE
VREF = ANY REFERENCE VOLTAGE AVAILABLE OR VIN
0.6V
R1
Figure 9. Temperature Monitoring and Protection
VIN
ON
BACKPLANE
10k
1M
RESET
VCC
MAX4370
VSEN
GATE
REMOVABLE
CARD
Figure 10. Fail-Safe Connector



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com