Electronic Components Datasheet Search
  English  ▼

X  

MAX4370ESA Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # MAX4370ESA
Description  Current-Regulating Hot-Swap Controller with DualSpeed/BiLevel Fault Protection
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4370ESA Datasheet(HTML) 3 Page - Maxim Integrated Products

  MAX4370ESA Datasheet HTML 1Page - Maxim Integrated Products MAX4370ESA Datasheet HTML 2Page - Maxim Integrated Products MAX4370ESA Datasheet HTML 3Page - Maxim Integrated Products MAX4370ESA Datasheet HTML 4Page - Maxim Integrated Products MAX4370ESA Datasheet HTML 5Page - Maxim Integrated Products MAX4370ESA Datasheet HTML 6Page - Maxim Integrated Products MAX4370ESA Datasheet HTML 7Page - Maxim Integrated Products MAX4370ESA Datasheet HTML 8Page - Maxim Integrated Products MAX4370ESA Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
Current-Regulating Hot-Swap Controller with
DualSpeed/BiLevel Fault Protection
_______________________________________________________________________________________
3
ELECTRICAL CHARACTERISTICS (continued)
(VIN = +2.7V to +13.2V, TA = -40°C to +85°C, unless otherwise noted. Typical values are at VIN = +5V and TA = +25°C.) (Note 2)
Note 2: All devices are 100% tested at TA = +25°C. All temperature limits are guaranteed by design.
Note 3: The start-up period (tSTART) is the time during which the slow comparator is ignored and the device acts as a current limiter
by regulating the sense current with the fast comparator. It is measured from ON rising above 0.6V to STAT rising.
Note 4: The current available at GATE is a function of VGATE (see Typical Operating Characteristics.)
VIN = 5V, rising threshold
CONDITIONS
mV
3
VHYST
Hysteresis
V
0.575
0.6
0.625
VTH,ON
Threshold Voltage
UNITS
MIN
TYP
MAX
SYMBOL
PARAMETER
2.7V
≤ VIN ≤ 13.2V
mV/V
0.1
1
PSRR
Power-Supply Rejection
Ratio
Input can be driven to the absolute maximum
limit without false output inversion
V
-0.1
13.2
10mV overdrive
VON
Input Voltage Range
µs
10
tD,COMP
Propagation Delay
µA
0.001
1
IB,ON
Input Bias Current
To restart after a fault
µs
20
tRESTART
ON Pulse Width Low
VSTAT ≤ +13.2V
µA
1
Output Leakage Current
ISINK = 1mA
V
0.4
VOL
Output Voltage Low
Start-up is initiated when this threshold is
reached at VIN
V
2.25
2.67
VUVLO
Threshold
mV
100
VUVLO,HYST
Hysteresis
Time which input voltage must exceed under-
voltage lockout before start-up is initiated
ms
100
150
200
tD,UVLO
UVLO to Start-Up Delay
DIGITAL OUTPUT (STAT)
ON COMPARATOR
VIN UNDERVOLTAGE LOCKOUT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com