Electronic Components Datasheet Search
  English  ▼

X  

IRFN340 Datasheet(PDF) 1 Page - International Rectifier

Part # IRFN340
Description  Simple Drive Requirements
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRFN340 Datasheet(HTML) 1 Page - International Rectifier

  IRFN340 Datasheet HTML 1Page - International Rectifier IRFN340 Datasheet HTML 2Page - International Rectifier IRFN340 Datasheet HTML 3Page - International Rectifier IRFN340 Datasheet HTML 4Page - International Rectifier IRFN340 Datasheet HTML 5Page - International Rectifier IRFN340 Datasheet HTML 6Page - International Rectifier IRFN340 Datasheet HTML 7Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Absolute Maximum Ratings
Parameter
Units
ID @ VGS = 10V, TC = 25°C
Continuous Drain Current
10
ID @ VGS = 10V, TC = 100°C Continuous Drain Current
6.0
IDM
Pulsed Drain Current
À
40
PD @ TC = 25°C
Max. Power Dissipation
125
W
Linear Derating Factor
1.0
W/°C
VGS
Gate-to-Source Voltage
±20
V
EAS
Single Pulse Avalanche Energy
Á
650
mJ
IAR
Avalanche Current
À
10
A
EAR
Repetitive Avalanche Energy
À
12.5
mJ
dv/dt
Peak Diode Recovery dv/dt
Â
4.0
V/ns
TJ
Operating Junction
-55 to 150
TSTG
Storage Temperature Range
°C
Package Mounting Surface Temperature
300(for 5 seconds)
Weight
2.6 (Typical)
g
HEXFET® MOSFET technology is the key to International
Rectifier’s advanced line of power MOSFET transistors. The
efficient geometry design achieves very low on-state re-
sistance combined with high transconductance.
HEXFET
transistors also feature all of the well-established advan-
tages of MOSFETs, such as voltage control, very fast switch-
ing, ease of paralleling and electrical parameter temperature
stability. They are well-suited for applications such as switch-
ing power supplies, motor controls, inverters, choppers,
audio amplifiers, high energy pulse circuits, and virtually
any application where high reliability is required. The
HEXFET transistor’s totally isolated package eliminates the
need for additional isolating material between the device
and the heatsink. This improves thermal efficiency and
reduces drain capacitance.
A
POWER MOSFET
SURFACE MOUNT(SMD-1)
03/10/11
www.irf.com
1
SMD-1
Product Summary
Part Number
RDS(on)
ID
IRFN340
0.55
Ω
10A
Features:
n Simple Drive Requirements
n Ease of Paralleling
n Hermetically Sealed
n Electrically Isolated
n Surface Mount
n Dynamic dv/dt Rating
n Light-weight
For footnotes refer to the last page
IRFN340
JANTX2N7221U
JANTXV2N7221U
REF:MIL-PRF-19500/596
400V, N-CHANNEL
HEXFET
® MOSFET TECHNOLOGY
PD-91550D


Similar Part No. - IRFN340

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRFN340 IRF-IRFN340 Datasheet
211Kb / 6P
POWER MOSFET N-CHANNEL(BVdss=400V, Rds(on)=0.55ohm, Id=10A)
logo
Seme LAB
IRFN340SMD SEME-LAB-IRFN340SMD Datasheet
23Kb / 2P
N-CHANNEL POWER MOSFET
More results

Similar Description - IRFN340

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRFAE30 IRF-IRFAE30_15 Datasheet
150Kb / 7P
Simple Drive Requirements
IRFE110 IRF-IRFE110_15 Datasheet
203Kb / 7P
Simple Drive Requirements
IRFE210 IRF-IRFE210_15 Datasheet
161Kb / 7P
Simple Drive Requirements
IRFE220 IRF-IRFE220_15 Datasheet
197Kb / 7P
Simple Drive Requirements
IRFE230 IRF-IRFE230_15 Datasheet
167Kb / 7P
Simple Drive Requirements
IRFE9220 IRF-IRFE9220_15 Datasheet
138Kb / 7P
Simple Drive Requirements
IRFF9210 IRF-IRFF9210_15 Datasheet
134Kb / 7P
Simple Drive Requirements
IRFM054 IRF-IRFM054_15 Datasheet
193Kb / 7P
Simple Drive Requirements
IRFM240 IRF-IRFM240_15 Datasheet
241Kb / 7P
Simple Drive Requirements
IRFM250 IRF-IRFM250_15 Datasheet
206Kb / 7P
Simple Drive Requirements
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com