Electronic Components Datasheet Search
  English  ▼

X  

MAX4372HESA Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX4372HESA
Description  Low-Cost, SOT23, Micropower, High-Side Current-Sense Amplifier with Voltage Output
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4372HESA Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX4372HESA Datasheet HTML 1Page - Maxim Integrated Products MAX4372HESA Datasheet HTML 2Page - Maxim Integrated Products MAX4372HESA Datasheet HTML 3Page - Maxim Integrated Products MAX4372HESA Datasheet HTML 4Page - Maxim Integrated Products MAX4372HESA Datasheet HTML 5Page - Maxim Integrated Products MAX4372HESA Datasheet HTML 6Page - Maxim Integrated Products MAX4372HESA Datasheet HTML 7Page - Maxim Integrated Products MAX4372HESA Datasheet HTML 8Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
Low-Cost, SOT23, Micropower, High-Side
Current-Sense Amplifier with Voltage Output
4
_______________________________________________________________________________________
Typical Operating Characteristics
(VCC = +12V, VRS+ = 12V, VSENSE = 100mV, TA = +25°C, unless otherwise noted.)
25.0
27.5
30.0
32.5
35.0
SUPPLY CURRENT vs. SUPPLY VOLTAGE
SUPPLY VOLTAGE (V)
012
16
4
8
20
24
28
AV = +100V/V
AV = +50V/V
AV = +20V/V
VSENSE = 5mV
0
5
10
15
20
25
30
35
40
-40
10
60
-15
35
85
SUPPLY CURRENT vs. TEMPERATURE
TEMPERATURE (°C)
VSENSE = 5mV
28.0
29.0
28.5
30.0
29.5
31.5
31.0
30.5
32.0
SUPPLY CURRENT
vs. COMMON-MODE VOLTAGE
COMMON-MODE VOLTAGE (V)
012
16
4
8
20
24
28
AV = +100V/V
AV = +50V/V
AV = +20V/V
VSENSE = 5mV
-1.2
-0.8
-1.0
-0.2
-0.4
-0.6
0.4
0.2
0
0.6
010
5
15202530
TOTAL OUTPUT ERROR
vs. SUPPLY VOLTAGE
SUPPLY VOLTAGE (V)
G = +100V/V
G = +50V/V
G = +20V/V
0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
010
5
15202530
TOTAL OUTPUT ERROR
vs. COMMON-MODE VOLTAGE
COMMON-MODE VOLTAGE (V)
G = +100V/V
G = +50V/V
G = +20V/V
-1.0
-0.5
0.5
0
1.0
1.5
0
100
50
150
200
250
300
TOTAL OUTPUT ERROR vs. VSENSE
VSENSE (mV)
AV = +100V/V
AV = +20V/V
AV = +50V/V
-45
-90
100
100k
10k
1k
POWER-SUPPLY REJECTION
vs. FREQUENCY
-75
-85
-55
-65
-40
-70
-80
-50
-60
FREQUENCY (Hz)
-1.0
-0.9
-0.8
-0.7
-0.6
-0.5
-0.4
-0.3
-0.2
-0.1
0
GAIN ACCURACY vs. TEMPERATURE
TEMPERATURE (°C)
-40
10
60
-15
35
85
AV = +20V/V
AV = +50V/V
AV = +100V/V
-1.0
-0.8
-0.6
-0.4
-0.2
0
0.2
0.4
0.6
0.8
1.0
-40
10
60
-15
35
85
TOTAL OUTPUT ERROR vs. TEMPERATURE
TEMPERATURE (°C)
AV = +50V/V
AV = +100V/V
AV = +20V/V



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com