Electronic Components Datasheet Search
  English  ▼

X  

MAX4372HESA Datasheet(PDF) 7 Page - Maxim Integrated Products

Part # MAX4372HESA
Description  Low-Cost, SOT23, Micropower, High-Side Current-Sense Amplifier with Voltage Output
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4372HESA Datasheet(HTML) 7 Page - Maxim Integrated Products

  MAX4372HESA Datasheet HTML 1Page - Maxim Integrated Products MAX4372HESA Datasheet HTML 2Page - Maxim Integrated Products MAX4372HESA Datasheet HTML 3Page - Maxim Integrated Products MAX4372HESA Datasheet HTML 4Page - Maxim Integrated Products MAX4372HESA Datasheet HTML 5Page - Maxim Integrated Products MAX4372HESA Datasheet HTML 6Page - Maxim Integrated Products MAX4372HESA Datasheet HTML 7Page - Maxim Integrated Products MAX4372HESA Datasheet HTML 8Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
Low-Cost, SOT23, Micropower, High-Side
Current-Sense Amplifier with Voltage Output
_______________________________________________________________________________________
7
Using a PC Board Trace as RSENSE
If the cost of RSENSE is an issue and accuracy is not
critical, use the alternative solution shown in Figure 2.
This solution uses copper PC board traces to create a
sense resistor. The resistivity of a 0.1-inch-wide trace of
2-ounce copper is about 30m
Ω/ft. The resistance tem-
perature coefficient of copper is fairly high (approxi-
mately 0.4%/°C), so systems that experience a wide
temperature variance must compensate for this effect.
In addition, self-heating will introduce a nonlinearity
error. Do not exceed the maximum power dissipation of
the copper trace.
For example, the MAX4372T (with a maximum load cur-
rent of 10A and an RSENSE of 5m
Ω) creates a full-scale
VSENSE of 50mV that yields a maximum VOUT of 1V.
RSENSE, in this case, requires about 2 inches of 0.1-
inch-wide copper trace.
Table 1. Recommended Component Values
FULL-SCALE LOAD
CURRENT,
ILOAD (A)
GAIN
(V/V)
CURRENT-SENSE
RESISTOR,
RSENSE (mΩ)
2.0
FULL-SCALE OUTPUT
VOLTAGE (FULL-SCALE
VSENSE = 100mV),
VOUT (V)
5.0
10.0
0.1
1000
20
100
50
2.0
100
50
5.0
10.0
1
100
20
2.0
100
50
5.0
2.0
100
50
5.0
10.0
5
20
20
10.0
10
10
20
0.1in COPPER
0.3in COPPER
0.3in COPPER
INPUT
LOAD/BATTERY
VCC
VSENSE
RSENSE
GND
+2.7V TO +28V
RS+
RS-
OUT
MAX4372T/F/H
Figure 2. Connections Showing Use of PC Board
Chip Information
TRANSISTOR COUNT: 225



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com