Electronic Components Datasheet Search
  English  ▼

X  

MAX4313 Datasheet(PDF) 8 Page - Maxim Integrated Products

Part # MAX4313
Description  High-Speed, Low-Power, Single-Supply, Multichannel, Video Multiplexer-Amplifiers
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4313 Datasheet(HTML) 8 Page - Maxim Integrated Products

Back Button MAX4313 Datasheet HTML 4Page - Maxim Integrated Products MAX4313 Datasheet HTML 5Page - Maxim Integrated Products MAX4313 Datasheet HTML 6Page - Maxim Integrated Products MAX4313 Datasheet HTML 7Page - Maxim Integrated Products MAX4313 Datasheet HTML 8Page - Maxim Integrated Products MAX4313 Datasheet HTML 9Page - Maxim Integrated Products MAX4313 Datasheet HTML 10Page - Maxim Integrated Products MAX4313 Datasheet HTML 11Page - Maxim Integrated Products MAX4313 Datasheet HTML 12Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
High-Speed, Low-Power, Single-Supply,
Multichannel, Video Multiplexer-Amplifiers
8
_______________________________________________________________________________________
0
-100
10k
100k
10M
100M
1M
1G
MAX4310/MAX4311/MAX4312
COMMON-MODE REJECTION vs. FREQUENCY
-80
FREQUENCY (Hz)
-60
-40
-20
-10
-30
-50
-70
-90
-10
-110
100k
10M
100M
1M
1G
OFF-ISOLATION vs. FREQUENCY
-90
FREQUENCY (Hz)
-70
-50
-30
-20
-40
-60
-80
-100
50
-150
0.1
10
100
1
1000
MAX4310/MAX4313
All-HOSTILE CROSSTALK vs. FREQUENCY
-110
FREQUENCY (MHz)
-70
-30
10
30
-10
-50
-90
-130
0.1
10
1
100
1000
MAX4312/MAX4315
ALL-HOSTILE CROSSTALK vs. FREQUENCY
FREQUENCY (MHz)
50
30
10
-10
-150
-110
-130
-30
-50
-70
-90
100
10
10
10k
100k
1M
100
1k
10M
VOLTAGE-NOISE DENSITY vs.
FREQUENCY (INPUT REFERRED)
FREQUENCY (Hz)
0.1
10
1
100
1000
MAX4311/MAX4314
ALL-HOSTILE CROSSTALK vs. FREQUENCY
FREQUENCY (MHz)
50
30
10
-10
-150
-110
-130
-30
-50
-70
-90
100
0.01
100k
10M
100M
1M
1G
OUTPUT IMPEDANCE vs. FREQUENCY
0.1
FREQUENCY (Hz)
10
1
100
1
10
10k
100k
1M
100
1k
10M
CURRENT-NOISE DENSITY vs.
FREQUENCY (INPUT REFERRED)
10
FREQUENCY (Hz)
IN
(1V/div)
OUT
(1V/div)
MAX4310
LARGE-SIGNAL PULSE RESPONSE
10ns/div
Typical Operating Characteristics (continued)
(VCC = +5V; VEE = 0; SHDN ≥ 4V; RL = 150Ω to VCC/2; VCM = 1.5V; AVCL = +1V/V (MAX4310/MAX4311/MAX4312), AVCL = +2V/V
(MAX4313/MAX4314/MAX4315); TA = +25°C; unless otherwise noted.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com