Electronic Components Datasheet Search
  English  ▼

X  

MAX4313 Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MAX4313
Description  High-Speed, Low-Power, Single-Supply, Multichannel, Video Multiplexer-Amplifiers
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4313 Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAX4313 Datasheet HTML 1Page - Maxim Integrated Products MAX4313 Datasheet HTML 2Page - Maxim Integrated Products MAX4313 Datasheet HTML 3Page - Maxim Integrated Products MAX4313 Datasheet HTML 4Page - Maxim Integrated Products MAX4313 Datasheet HTML 5Page - Maxim Integrated Products MAX4313 Datasheet HTML 6Page - Maxim Integrated Products MAX4313 Datasheet HTML 7Page - Maxim Integrated Products MAX4313 Datasheet HTML 8Page - Maxim Integrated Products MAX4313 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
General Description
The MAX4310–MAX4315 single-supply mux-amps com-
bine high-speed operation, low-glitch switching, and excel-
lent video specifications. The six products in this family are
differentiated by the number of multiplexer inputs and the
gain configuration. The MAX4310/MAX4311/MAX4312 inte-
grate 2-/4-/8-channel multiplexers, respectively, with an
adjustable gain amplifier optimized for unity-gain stability.
The MAX4313/MAX4314/MAX4315 integrate 2-/4-/8-chan-
nel multiplexers, respectively, with a +2V/V fixed-gain
amplifier. All devices have 40ns channel switching time
and low 10mVp-p switching transients, making them ideal
for video-switching applications. They operate from a sin-
gle +4V to +10.5V supply, or from dual supplies of ±2V to
±5.25V, and they feature Rail-to-Rail® outputs and an input
common-mode voltage range that extends to the negative
supply rail.
The MAX4310/MAX4311/MAX4312 have a -3dB bandwidth
of 280MHz/345MHz/265MHz and up to a 460V/µs slew rate.
The MAX4313/MAX4314/MAX4315, with 150MHz/127MHz/
97MHz -3dB bandwidths up to a 540V/µs slew rate, and a
fixed gain of +2V/V, are ideally suited for driving back-
terminated cables. Quiescent supply current is as low as
6.1mA, while low-power shutdown mode reduces supply
current to as low as 560µA and places the outputs in a
high-impedance state. The MAX4310–MAX4315’s internal
amplifiers maintain an open-loop output impedance of only
8
Ω over the full output voltage range, minimizing the gain
error and bandwidth changes under loads typical of most
rail-to-rail amplifiers. With differential gain and phase errors
of 0.06% and 0.08°, respectively, these devices are ideal
for broadcast video applications.
Applications
Video Signal Multiplexing
Broadcast Video
Video Crosspoint Switching
Medical Imaging
Flash ADC Input Buffers
Multimedia Products
75
Ω Video Cable Drivers
High-Speed Signal Processing
Features
o Single-Supply Operation Down to +4V
o 345MHz -3dB Bandwidth (MAX4311)
150MHz -3dB Bandwidth (MAX4313)
o 540V/µs Slew Rate (MAX4313)
o Low 6.1mA Quiescent Supply Current
o 40ns Channel Switching Time
o Ultra-Low 10mVp-p Switching Transient
o 0.06%/0.08° Differential Gain/Phase Error
o Rail-to-Rail Outputs: Drives 150
Ω to within
730mV of the Rails
o Input Common-Mode Range Includes
Negative Rail
o Low-Power Shutdown Mode
o Available in Space-Saving 8-Pin µMAX and
16-Pin QSOP Packages
High-Speed, Low-Power, Single-Supply,
Multichannel, Video Multiplexer-Amplifiers
________________________________________________________________
Maxim Integrated Products
1
19-1379; Rev 1; 4/99
EVALUATION
KIT MANUAL
FOLLOWS
DATA
SHEET
Ordering Information
Pin Configurations and Typical Operating Circuit appear at
end of data sheet.
Rail-to-Rail is a registered trademark of Nippon Motorola, Ltd.
For free samples & the latest literature: http://www.maxim-ic.com, or phone 1-800-998-8800.
For small orders, phone 1-800-835-8769.
16 Narrow SO
16 QSOP
-40°C to +85°C
-40°C to +85°C
MAX4315ESE
MAX4315EEE
14 Narrow SO
16 QSOP
-40°C to +85°C
-40°C to +85°C
MAX4314ESD
MAX4314EEE
8 SO
8 µMAX
-40°C to +85°C
-40°C to +85°C
MAX4313ESA
MAX4313EUA
16 Narrow SO
16 QSOP
-40°C to +85°C
-40°C to +85°C
MAX4312ESE
MAX4312EEE
14 Narrow SO
16 QSOP
-40°C to +85°C
-40°C to +85°C
MAX4311ESD
MAX4311EEE
8 SO
8 µMAX
PIN-PACKAGE
TEMP. RANGE
-40°C to +85°C
-40°C to +85°C
MAX4310ESA
MAX4310EUA
PART
16-Pin Narrow SO/QSOP
14-Pin Narrow SO, 16-Pin QSOP
+2
8
MAX4315
+2
4
MAX4314
8-Pin SO/µMAX
16-Pin Narrow SO/QSOP
+2
2
MAX4313
≥ +1
8
MAX4312
14-Pin Narrow SO, 16-Pin QSOP
8-Pin SO/µMAX
PIN-PACKAGE
≥ +1
≥ +1
AMPLIFIER GAIN
(V/V)
PART
4
MAX4311
2
MAX4310
NO. OF INPUT
CHANNELS
Selector Guide


Similar Part No. - MAX4313

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4313 MAXIM-MAX4313 Datasheet
112Kb / 4P
Single-Supply Operation
Rev 1; 4/99
MAX4313EVKIT MAXIM-MAX4313EVKIT Datasheet
112Kb / 4P
Single-Supply Operation
Rev 1; 4/99
More results

Similar Description - MAX4313

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC33171 ONSEMI-MC33171 Datasheet
217Kb / 12P
Low Power, Single Supply Operational Amplifiers
1996 REV 0
logo
Texas Instruments
INA331 TI-INA331 Datasheet
294Kb / 15P
Low-Power, Single-Supply, CMOS INSTRUMENTATION AMPLIFIERS
logo
National Semiconductor ...
LMH6574 NSC-LMH6574 Datasheet
860Kb / 15P
4:1 High Speed Video Multiplexer
LMH6570 NSC-LMH6570 Datasheet
831Kb / 14P
2:1 High Speed Video Multiplexer
logo
Texas Instruments
OPA875 TI-OPA875 Datasheet
659Kb / 18P
Single 2:1 High-Speed Video Multiplexer
logo
Burr-Brown (TI)
OPA875 BURR-BROWN-OPA875 Datasheet
688Kb / 21P
Single 2:1 High-Speed Video Multiplexer
logo
National Semiconductor ...
LMH6574 NSC-LMH6574_05 Datasheet
857Kb / 14P
4:1 High Speed Video Multiplexer
logo
Maxim Integrated Produc...
MAX4310ESA MAXIM-MAX4310ESA Datasheet
305Kb / 18P
High-Speed, Low-Power, Single-Supply Multichannel, Video Multiplexer-Amplifiers
Rev 3; 3/08
logo
Texas Instruments
ADS52J90 TI1-ADS52J90 Datasheet
4Mb / 149P
Multichannel, Low-Power, High-Speed ADC
OPA234 TI1-OPA234 Datasheet
1Mb / 23P
Low-Power, Precision SINGLE-SUPPLY OPERATIONAL AMPLIFIERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com