Electronic Components Datasheet Search
  English  ▼

X  

FT234XD Datasheet(PDF) 3 Page - Future Technology Devices International Ltd.

Part # FT234XD
Description  The FT234XD is a USB to serial UART interface with optimised packaging (3mm x 3mm 12 pin DFN) for smaller PCB designs and the following advanced features
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FTDI [Future Technology Devices International Ltd.]
Direct Link  http://www.ftdichip.com
Logo FTDI - Future Technology Devices International Ltd.

FT234XD Datasheet(HTML) 3 Page - Future Technology Devices International Ltd.

  FT234XD Datasheet HTML 1Page - Future Technology Devices International Ltd. FT234XD Datasheet HTML 2Page - Future Technology Devices International Ltd. FT234XD Datasheet HTML 3Page - Future Technology Devices International Ltd. FT234XD Datasheet HTML 4Page - Future Technology Devices International Ltd. FT234XD Datasheet HTML 5Page - Future Technology Devices International Ltd. FT234XD Datasheet HTML 6Page - Future Technology Devices International Ltd. FT234XD Datasheet HTML 7Page - Future Technology Devices International Ltd. FT234XD Datasheet HTML 8Page - Future Technology Devices International Ltd. FT234XD Datasheet HTML 9Page - Future Technology Devices International Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 37 page
background image
Copyright © 2015 Future Technology Devices International Limited
3
FT234XD USB TO BASIC UART IC
Version 1.2
Document No.: FT_000753 Clearance No.: FTDI#324
1.3 USB Compliant
The FT234XD is fully compliant with the USB 2.0 specification and has been given the USB-IF Test-ID
(TID) 40001465 (Rev D).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com