Electronic Components Datasheet Search
  English  ▼

X  

FT234XD Datasheet(PDF) 1 Page - Future Technology Devices International Ltd.

Part # FT234XD
Description  The FT234XD is a USB to serial UART interface with optimised packaging (3mm x 3mm 12 pin DFN) for smaller PCB designs and the following advanced features
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FTDI [Future Technology Devices International Ltd.]
Direct Link  http://www.ftdichip.com
Logo FTDI - Future Technology Devices International Ltd.

FT234XD Datasheet(HTML) 1 Page - Future Technology Devices International Ltd.

  FT234XD Datasheet HTML 1Page - Future Technology Devices International Ltd. FT234XD Datasheet HTML 2Page - Future Technology Devices International Ltd. FT234XD Datasheet HTML 3Page - Future Technology Devices International Ltd. FT234XD Datasheet HTML 4Page - Future Technology Devices International Ltd. FT234XD Datasheet HTML 5Page - Future Technology Devices International Ltd. FT234XD Datasheet HTML 6Page - Future Technology Devices International Ltd. FT234XD Datasheet HTML 7Page - Future Technology Devices International Ltd. FT234XD Datasheet HTML 8Page - Future Technology Devices International Ltd. FT234XD Datasheet HTML 9Page - Future Technology Devices International Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 37 page
background image
Copyright © 2015 Future Technology Devices International Limited
1
FT234XD USB TO BASIC UART IC
Version 1.2
Document No.: FT_000753 Clearance No.: FTDI#324
Future Technology
Devices International
Ltd.
FT234XD
(USB to BASIC UART IC)
The FT234XD is a USB to serial UART
interface with optimised packaging (3mm
x 3mm 12 pin DFN) for smaller PCB
designs and the following advanced
features:
Single chip USB to asynchronous serial data
transfer interface.
Entire USB protocol handled on the chip. No USB
specific firmware programming required.
Fully
integrated
2048
byte
multi-time-
programmable (MTP) memory, storing device
descriptors and CBUS I/O configuration.
Fully integrated clock generation with no external
crystal required plus optional clock output selection
enabling a glue-less interface to external MCU or
FPGA.
Data transfer rates from 300 baud to 3 Mbaud
(RS422, RS485, and RS232) at TTL levels.
512 byte receive buffer and 512 byte transmit
buffer utilising buffer smoothing technology to
allow for high data throughput.
FTDI’s royalty-free Virtual Com Port (VCP) and
Direct (D2XX) drivers eliminate the requirement
for USB driver development in most cases.
Configurable CBUS I/O pin.
Transmit and receive LED drive signals.
UART interface support for 7 or 8 data bits, 1 or 2
stop bits and odd / even / mark / space / no parity
Synchronous and asynchronous bit bang interface
options with RD# and WR# strobes.
USB Battery Charging Detection. Allows for USB
peripheral devices to detect the presence of a
higher
power
source
to
enable
improved
charging.
Device supplied pre-programmed with unique
USB serial number.
USB Power Configurations; supports bus- powered,
self-powered and bus-powered with power switching
Integrated +3.3V level converter for USB I/O.
True 3.3V CMOS drive output and TTL input;
Operates down to 1V8 with external pull ups.
Tolerant of 5V input.
Configurable I/O pin output drive strength;
4 mA (min) and 16 mA (max).
Integrated power-on-reset circuit.
Fully integrated AVCC supply filtering - no
external filtering required.
UART signal inversion option.
+ 5V Single Supply Operation.
Internal 3.3V/1.8V LDO regulators
Low operating and USB suspend current;
8mA (active-typ) and 70uA (suspend-typ).
UHCI/OHCI/EHCI host controller compatible.
USB 2.0 Full Speed compatible.
Extended operating temperature range; -40 to
85⁰C.
Available in compact Pb-free 12 pin DFN package
(3mm x 3mm) RoHS compliant.
Neither the whole nor any part of the information contained in, or the product described in this manual, may be adapted or reproduced in any material or electronic form
without the prior written consent of the copyright holder. This product and its documentation are supplied on an as-is basis and no warranty as to their suitability for any
particular purpose is either made or implied. Future Technology Devices International Ltd will not accept any claim for damages howsoever arising as a result of use or failure
of this product. Your statutory rights are not affected. This product or any variant of it is not intended for use in any medical appliance, device or system in which the failure of
the product might reasonably be expected to result in personal injury. This document provides preliminary information that may be subject to change without notice. No
freedom to use patents or other intellectual property rights is implied by the publication of this document. Future Technology Devices International Ltd, Unit 1, 2 Seaward
Place, Centurion Business Park, Glasgow G41 1HH United Kingdom. Scotland Registered Company Number: SC136640


Similar Part No. - FT234XD

ManufacturerPart #DatasheetDescription
logo
Future Technology Devic...
FT234XD FTDI-FT234XD Datasheet
1Mb / 40P
Single chip USB to asynchronous serial data transfer interface
FT234XD-R FTDI-FT234XD-R Datasheet
695Kb / 37P
USB to BASIC UART IC
More results

Similar Description - FT234XD

ManufacturerPart #DatasheetDescription
logo
Future Technology Devic...
FT230X FTDI-FT230X Datasheet
816Kb / 44P
USB to serial UART interface with optimised pin count for smaller PCB designs
FT221X FTDI-FT221X Datasheet
984Kb / 45P
The FT221X is a USB to FTDI?셲 proprietary FT1248 interface with the following advanced features
FT232BL_BQ FTDI-FT232BL_BQ Datasheet
1Mb / 34P
The FT232B is a USB to serial UART interface with the following advanced features
FT240X FTDI-FT240X Datasheet
754Kb / 40P
The FT240X is a USB to parallel FIFO interface with the following advanced features
FT600 FTDI-FT600 Datasheet
1Mb / 29P
The FT600/FT601 is a USB 3.0 to FIFO interface bridge chip with the following advanced features
FT4222H FTDI-FT4222H Datasheet
1Mb / 49P
FT4222H is a USB2.0 to Quad-SPI/I2C interface Device Controller with the following advanced features
logo
Maxim Integrated Produc...
MAX38908EVK MAXIM-MAX38908EVK Datasheet
531Kb / 7P
Evaluates the MAX38908 IC in a 14-pin (3mm x 3mm) TDFN
Rev 0; 8/19
MAX38904BEVK MAXIM-MAX38904BEVK Datasheet
414Kb / 6P
Evaluates the MAX38904B IC in a 10-pin (3mm x 3mm) TDFN
Rev 0; 2/19
MAX38904AEVK MAXIM-MAX38904AEVK Datasheet
411Kb / 6P
Evaluates the MAX38904A IC in a 14-pin (3mm x 3mm) TDFN
Rev 0; 2/19
MAX25302EVKIT MAXIM-MAX25302EVKIT Datasheet
455Kb / 7P
Evaluates the MAX25302A/MAX25302B IC in a 10-pin (3mm x 3mm) TDFN
2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com