Electronic Components Datasheet Search
  English  ▼

X  

MAX4383EEE Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MAX4383EEE
Description  Ultra-Small, Low-Cost, 210MHz, Single-Supply Op Amps with Rail-to-Rail Outputs and Disable
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4383EEE Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAX4383EEE Datasheet HTML 1Page - Maxim Integrated Products MAX4383EEE Datasheet HTML 2Page - Maxim Integrated Products MAX4383EEE Datasheet HTML 3Page - Maxim Integrated Products MAX4383EEE Datasheet HTML 4Page - Maxim Integrated Products MAX4383EEE Datasheet HTML 5Page - Maxim Integrated Products MAX4383EEE Datasheet HTML 6Page - Maxim Integrated Products MAX4383EEE Datasheet HTML 7Page - Maxim Integrated Products MAX4383EEE Datasheet HTML 8Page - Maxim Integrated Products MAX4383EEE Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
General Description
The MAX4380–MAX4384 family of op amps are unity-
gain-stable devices that combine high-speed perfor-
mance, Rail-to-Rail® outputs, and high-impedance
disable mode. These devices operate from a +4.5V to
+11V single supply or from ±2.25V to ±5.5V dual sup-
plies. The common-mode input voltage range extends
beyond the negative power-supply rail (ground in sin-
gle-supply applications).
The MAX4380–MAX4384 require only 5.5mA of quies-
cent supply current per op amp while achieving a
210MHz -3dB bandwidth, 55MHz 0.1dB gain flatness
and a 485V/µs slew rate. These devices are an excel-
lent solution in low-power/low-voltage systems that
require wide bandwidth, such as video, communica-
tions, and instrumentation.
The MAX4380 single with disable is available in an ultra-
small 6-pin SC70 package.
Applications
Set-Top Boxes
Surveillance Video Systems
Battery-Powered Instruments
Analog-to-Digital Converter Interface
CCD Imaging Systems
Video Routing and Switching Systems
Digital Cameras
Video-on-Demand
Video Line Driver
Features
o Low Cost and High Speed:
210MHz -3dB Bandwidth
55MHz 0.1dB Gain Flatness
485V/µs Slew Rate
o Disable Mode Places Outputs in High-Impedance
State
o Single +4.5V to +11V Operation
o Rail-to-Rail Outputs
o Input Common-Mode Range Extends Beyond VEE
o Low Differential Gain/Phase: 0.02%/0.08°
o Low Distortion at 5MHz
-65dBc SFDR
-63dB Total Harmonic Distortion
o Ultra-Small 6-Pin SC70, 6-Pin SOT23, 10-Pin µMAX,
14-Pin TSSOP, and 20-Pin TSSOP Packages
Ultra-Small, Low-Cost, 210MHz, Single-Supply
Op Amps with Rail-to-Rail Outputs and Disable
500
Ω
500
Ω
75
Ω
75
Ω
IN
OUT
VIDEO LINE DRIVER
Zo = 75
Ω
DISABLE
MAX4380
Typical Operating Circuit
19-2012; Rev 2; 4/03
Ordering Information
________________________________________________________________ Maxim Integrated Products
1
VEE
IN-
IN+
16
VCC
5
DISABLE
OUT
MAX4380
SC70-6/SOT23-6
TOP VIEW
2
34
Pin Configurations
Pin Configurations continued at end of data sheet.
PART
TEMP RANGE
PIN-
PACKAGE
TOP
MARK
MAX4380EXT-T
-40°C to +85°C
6 SC70-6
AAV
MAX4380EUT-T
-40°C to +85°C
6 SOT23-6
—
MAX4381EUB
-40°C to +85°C
10 µMAX
—
MAX4382EUD
-40°C to +85°C
14 TSSOP
—
MAX4382ESD
-40°C to +85°C
14 SO
—
MAX4382EEE
-40°C to +85°C
16 QSOP
—
MAX4383EUD
-40°C to +85°C
14 TSSOP
—
MAX4383ESD
-40°C to +85°C
14 SO
—
MAX4383ESE
-40°C to +85°C
16 SO
—
MAX4383EEE
-40°C to +85°C
16 QSOP
—
MAX4384EUP
-40°C to +85°C
20 TSSOP
—
For pricing, delivery, and ordering information, please contact Maxim/Dallas Direct! at
1-888-629-4642, or visit Maxim’s website at www.maxim-ic.com.
Rail-to-Rail is a registered trademark of Nippon Motorola, Ltd.


Similar Part No. - MAX4383EEE

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4383EVKIT MAXIM-MAX4383EVKIT Datasheet
141Kb / 5P
Eliminates Costly Inductors with More Accurate R-C Components
Rev 0; 3/03
More results

Similar Description - MAX4383EEE

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4389 MAXIM-MAX4389 Datasheet
734Kb / 19P
Ultra-Small, Low-Cost, 85MHz Op Amps with Rail-to-Rail Outputs and Disable
Rev 2; 9/03
MAX4450 MAXIM-MAX4450 Datasheet
456Kb / 12P
Ultra-Small, Low-Cost, 210MHz, Single-Supply Op Amps with Rail-to-Rail Outputs
Rev 2; 1/00
MAX4412 MAXIM-MAX4412 Datasheet
343Kb / 15P
Low-Cost, Low-Power, Ultra-Small, 3V/5V, 500MHz Single-Supply Op Amps with Rail-to-Rail Outputs
19-1831; Rev 0; 11/00
MAX4350 MAXIM-MAX4350 Datasheet
459Kb / 11P
Ultra-Small, Low-Cost, 210MHz, Dual-Supply Op Amps with Rail-to-Rail Outputs
Rev 0; 3/01
MAX4412 MAXIM-MAX4412_09 Datasheet
363Kb / 16P
Low-Cost, Low-Power, Ultra-Small, 3V/5V, 500MHz Single-Supply Op Amps with Rail-to-Rail Outputs
Rev 1; 1/09
MAX4389 MAXIM-MAX4389_09 Datasheet
576Kb / 24P
Ultra-Small, Low-Cost, 85MHz Op Amps with Rail-to-Rail Outputs and Disable
Rev 4; 11/09
MAX4450 MAXIM-MAX4450_09 Datasheet
471Kb / 15P
Ultra-Small, Low-Cost, 210MHz, Single-Supply Op Amps with Rail-to-Rail Outputs
Rev 4; 11/09
MAX4245 MAXIM-MAX4245_11 Datasheet
667Kb / 17P
Ultra-Small, Rail-to-Rail I/O with Disable, Single-/Dual-Supply, Low-Power Op Amps
Rev 2; 11/11
logo
KOA Speer Electronics, ...
MAX4380EUT KOA-MAX4380EUT Datasheet
760Kb / 16P
Ultra-Small, Low-Cost, 210MHz, Single-Supply Op Amps
logo
Maxim Integrated Produc...
MAX4245 MAXIM-MAX4245_V01 Datasheet
2Mb / 11P
Ultra-Small, Rail-to-Rail I/O with Disable, Single-/Dual-Supply, Low-Power Op Amps
2014
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com