Electronic Components Datasheet Search
  English  ▼

X  

MAX4383EEE Datasheet(PDF) 5 Page - Maxim Integrated Products

Part # MAX4383EEE
Description  Ultra-Small, Low-Cost, 210MHz, Single-Supply Op Amps with Rail-to-Rail Outputs and Disable
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4383EEE Datasheet(HTML) 5 Page - Maxim Integrated Products

  MAX4383EEE Datasheet HTML 1Page - Maxim Integrated Products MAX4383EEE Datasheet HTML 2Page - Maxim Integrated Products MAX4383EEE Datasheet HTML 3Page - Maxim Integrated Products MAX4383EEE Datasheet HTML 4Page - Maxim Integrated Products MAX4383EEE Datasheet HTML 5Page - Maxim Integrated Products MAX4383EEE Datasheet HTML 6Page - Maxim Integrated Products MAX4383EEE Datasheet HTML 7Page - Maxim Integrated Products MAX4383EEE Datasheet HTML 8Page - Maxim Integrated Products MAX4383EEE Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
Ultra-Small, Low-Cost, 210MHz, Single-Supply
Op Amps with Rail-to-Rail Outputs and Disable
_______________________________________________________________________________________
5
AC ELECTRICAL CHARACTERISTICS–Single Supply (continued)
(VCC = +5V, VEE = 0, VCM = +1.5V, RL = 100
Ω to VCC/2, DISABLE_ = VCC (MAX4380/MAX4381/MAX4382/MAX4384),
VOUT = VCC/2, AVCL = +1V/V, TA = +25°C, unless otherwise noted.)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Channel-to-Channel Isolation
CHISO
Specified at DC
-102
dB
Input 1dB Compression Point
fC = 10MHz, AVCL = +2V/V
14
dBm
Differential Phase Error
DP
NTSC, RL = 150
Ω
0.08
degrees
Differential Gain Error
DG
NTSC, RL = 150
Ω
0.02
%
Input Noise-Voltage Density
en
f = 10kHz
10
nV/
√Hz
Input Noise-Current Density
In
f = 10kHz
2
pA/
√Hz
Input Capacitance
CIN
1pF
Output Impedance
ZOUT
f = 10MHz
1.5
Ω
Enable Time
tON
VIN = 1V (MAX4380/MAX4381/
MAX4382/MAX4384)
100
ns
Disable Time
tOFF
VIN = 1V (MAX4380/MAX4381/
MAX4382/MAX4384)
1µs
Note 1: All devices are 100% production tested at TA = +25°C. Specifications over temperature limits are guaranteed by design.
Note 2: PSRR for single +5V supply tested with VEE = 0, VCC = +4.5V to +5.5V; PSRR for dual ±5V supply tested with VEE = -4.5V
to -5.5V, VCC = +4.5V to +5.5V.
4
-6
100k
10M
100M
1M
1G
SMALL-SIGNAL GAIN vs. FREQUENCY
FREQUENCY (Hz)
-5
-4
-3
-2
-1
0
1
2
3
VOUT = 100mVp-p
4
-6
100k
10M
100M
1M
1G
LARGE-SIGNAL GAIN vs. FREQUENCY
FREQUENCY (Hz)
-5
-4
-3
-2
-1
0
1
2
3
VOUT = 2Vp-p
0.4
-0.6
100k
10M
100M
1M
1G
SMALL-SIGNAL GAIN FLATNESS
vs. FREQUENCY
FREQUENCY (Hz)
-0.5
-0.4
-0.3
-0.2
-0.1
0
0.1
0.2
0.3
VOUT = 100mVp-p
Typical Operating Characteristics
(VCC = +5V, VEE = 0, VCM = +1.5V, AVCL = +1V/V, RL = 100
Ω to VCC/2, TA = +25°C, unless otherwise noted.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com