Electronic Components Datasheet Search
  English  ▼

X  

MAX4353ESA Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MAX4353ESA
Description  Low-Cost, 3V/5V, 620關A, 200MHz, Single-Supply Op Amps with Rail-to-Rail Outputs
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4353ESA Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAX4353ESA Datasheet HTML 1Page - Maxim Integrated Products MAX4353ESA Datasheet HTML 2Page - Maxim Integrated Products MAX4353ESA Datasheet HTML 3Page - Maxim Integrated Products MAX4353ESA Datasheet HTML 4Page - Maxim Integrated Products MAX4353ESA Datasheet HTML 5Page - Maxim Integrated Products MAX4353ESA Datasheet HTML 6Page - Maxim Integrated Products MAX4353ESA Datasheet HTML 7Page - Maxim Integrated Products MAX4353ESA Datasheet HTML 8Page - Maxim Integrated Products MAX4353ESA Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
General Description
The MAX4452/MAX4352 single, MAX4453/MAX4353
dual, and MAX4454/MAX4354 quad amplifiers combine
high-speed performance with ultra-low power con-
sumption. The MAX4452/MAX4453/MAX4454 are unity-
gain stable and achieve a -3dB bandwidth of 200MHz,
while the MAX4352/MAX4353/MAX4354 are compen-
sated for a minimum closed-loop gain of +5V/V and
achieve a 80MHz -3dB bandwidth. These devices con-
sume only 620µA of supply current per amplifier.
These amplifiers operate from a +2.7V to +5.25V single
supply and feature Rail-to-Rail® outputs. Along with an
excellent speed/power ratio of 323MHz/mA, these
devices feature a slew rate of 95V/µs and fast 20ns rise
and fall times. These devices are ideal for low-
power/low-voltage systems that require wide bandwidth
such as cell phones and keyless entry systems.
The MAX4452/MAX4352 are available in miniature 5-pin
SC70 and SOT23 packages, while the MAX4453/
MAX4353 are available in tiny 8-pin SOT23 and SO
packages. The MAX4454/MAX4354 are available in
space-saving 14-pin TSSOP and SO packages.
________________________Applications
Battery-Powered Instruments
Cellular Telephones
Portable Communications
Keyless Entry
Baseband Applications
Features
o Ultra-Low 620µA Supply Current
o High Speed (MAX4452/MAX4453/MAX4454)
200MHz -3dB Bandwidth
30MHz 0.1dB Gain Flatness
95V/µs Slew Rate
o High Speed (MAX4352/MAX4353/MAX4354)
80MHz -3dB Bandwidth
4MHz 0.1dB Gain Flatness
240V/µs Slew Rate
o Single +3V/+5V Operation
o Rail-to-Rail Outputs
o Input Common-Mode Range Extends Beyond VEE
o Ultra-Small SC70-5, SOT23-5, and SOT23-8
Packages
Low-Cost, +3V/+5V, 620µA, 200MHz,
Single-Supply Op Amps with Rail-to-Rail Outputs
________________________________________________________________ Maxim Integrated Products
1
19-1824; Rev 0; 2/01
Ordering Information
Rail-to-Rail is a registered trademark of Nippon Motorola Ltd.
PART
TEMP.
RANGE
PIN-
PACKAGE
TOP
MARK
MAX4452EXK-T
-40
°C to +85°C
5 SC70-5
ABI
MAX4452EUK-T
-40
°C to +85°C
5 SOT23-5
ADOV
MAX4453EKA-T
-40
°C to +85°C
8 SOT23-8
AADS
MAX4453ESA
-40
°C to +85°C
8 SO
—
MAX4454EUD
-40
°C to +85°C
14 TSSOP
—
MAX4454ESD
-40
°C to +85°C
14 SO
—
MAX4352EXK-T
-40
°C to +85°C
5 SC70-5
ABJ
MAX4352EUK-T
-40
°C to +85°C
5 SOT23-5
ADOW
MAX4353EKA-T
-40
°C to +85°C
8 SOT23-8
AADT
MAX4353ESA
-40
°C to +85°C
8 SO
—
MAX4354EUD
-40
°C to +85°C
14 TSSOP
—
MAX4354ESD
-40
°C to +85°C
14 SO
—
PART
NO.
OF
AMPS
MIN
GAIN
GAIN
BANDWIDTH
(MHz)
SLEW
RATE
(V/
µs)
MAX4452
1
1
200
95
MAX4352
1
5
400
240
MAX4453
2
1
200
95
MAX4353
2
5
400
240
MAX4454
4
1
200
95
MAX4354
4
5
400
240
Selector Guide
For price, delivery, and to place orders, please contact Maxim Distribution at 1-888-629-4642,
or visit Maxim’s website at www.maxim-ic.com.
Typical Operating Characteristic
Pin Configurations appear at end of data sheet.
0.40
0.45
0.55
0.50
0.70
0.75
0.65
0.60
0.80
2.7
3.5
3.9
3.1
4.3
4.7
5.1
5.5
SUPPLY VOLTAGE (V)
SUPPLY CURRENT vs.
SUPPLY VOLTAGE (PER AMPLIFIER)


Similar Part No. - MAX4353ESA

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4353ESA MAXIM-MAX4353ESA Datasheet
765Kb / 19P
Low-Cost, 3V/5V, 620關A, 200MHz, Single-Supply Op Amps with Rail-to-Rail Outputs
2005
More results

Similar Description - MAX4353ESA

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4012 MAXIM-MAX4012 Datasheet
196Kb / 16P
Low-Cost, High-Speed, SOT23, Single-Supply Op Amps with Rail-to-Rail Outputs
Rev 0; 7/97
MAX4450 MAXIM-MAX4450 Datasheet
456Kb / 12P
Ultra-Small, Low-Cost, 210MHz, Single-Supply Op Amps with Rail-to-Rail Outputs
Rev 2; 1/00
MAX4414 MAXIM-MAX4414 Datasheet
539Kb / 22P
Low-Power, 3V/5V, 400MHz Single-Supply Op Amps with Rail-to-Rail Outputs
MAX4412 MAXIM-MAX4412 Datasheet
343Kb / 15P
Low-Cost, Low-Power, Ultra-Small, 3V/5V, 500MHz Single-Supply Op Amps with Rail-to-Rail Outputs
19-1831; Rev 0; 11/00
MAX4350 MAXIM-MAX4350 Datasheet
459Kb / 11P
Ultra-Small, Low-Cost, 210MHz, Dual-Supply Op Amps with Rail-to-Rail Outputs
Rev 0; 3/01
MAX4412 MAXIM-MAX4412_09 Datasheet
363Kb / 16P
Low-Cost, Low-Power, Ultra-Small, 3V/5V, 500MHz Single-Supply Op Amps with Rail-to-Rail Outputs
Rev 1; 1/09
MAX4450 MAXIM-MAX4450_09 Datasheet
471Kb / 15P
Ultra-Small, Low-Cost, 210MHz, Single-Supply Op Amps with Rail-to-Rail Outputs
Rev 4; 11/09
MAX4400_V4 MAXIM-MAX4400_V4 Datasheet
186Kb / 10P
Single/Dual/Quad, Low-Cost, Single-Supply Rail-to-Rail Op Amps with Shutdown
Rev 4; 7/12
MAX4400AUK MAXIM-MAX4400AUK Datasheet
178Kb / 10P
Single/Dual/Quad, Low-Cost, Single-Supply, Rail-to-Rail Op Amps with Shutdown
Rev 4; 7/12
MAX4452 MAXIM-MAX4452_V01 Datasheet
765Kb / 19P
Low-Cost, 3V/5V, 620關A, 200MHz, Single-Supply Op Amps with Rail-to-Rail Outputs
2005
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com