Electronic Components Datasheet Search
  English  ▼

X  

MAX4353ESA Datasheet(PDF) 7 Page - Maxim Integrated Products

Part # MAX4353ESA
Description  Low-Cost, 3V/5V, 620關A, 200MHz, Single-Supply Op Amps with Rail-to-Rail Outputs
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4353ESA Datasheet(HTML) 7 Page - Maxim Integrated Products

Back Button MAX4353ESA Datasheet HTML 3Page - Maxim Integrated Products MAX4353ESA Datasheet HTML 4Page - Maxim Integrated Products MAX4353ESA Datasheet HTML 5Page - Maxim Integrated Products MAX4353ESA Datasheet HTML 6Page - Maxim Integrated Products MAX4353ESA Datasheet HTML 7Page - Maxim Integrated Products MAX4353ESA Datasheet HTML 8Page - Maxim Integrated Products MAX4353ESA Datasheet HTML 9Page - Maxim Integrated Products MAX4353ESA Datasheet HTML 10Page - Maxim Integrated Products MAX4353ESA Datasheet HTML 11Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
Low-Cost, +3V/+5V, 620µA, 200MHz,
Single-Supply Op Amps with Rail-to-Rail Outputs
_______________________________________________________________________________________
7
MAX4352/MAX4353/MAX4354
LARGE-SIGNAL PULSE RESPONSE
MAX4452/3/4 toc13
50ns/div
INPUT
200mV/div
OUTPUT
1V/div
MAX4452/MAX4453/MAX4454
SMALL-SIGNAL PULSE RESPONSE
MAX4452/3/4 toc14
50ns/div
INPUT
50mV/div
OUTPUT
50mV/div
RL = 150
Ω
MAX4352/MAX4353/MAX4354
SMALL-SIGNAL PULSE RESPONSE
MAX4452/3/4 toc15
50ns/div
INPUT
10mV/div
OUTPUT
50mV/div
RL = 150
Ω
MAX4452/MAX4453/MAX4454
LARGE-SIGNAL PULSE RESPONSE
MAX4452/3/4 toc16
50ns/div
INPUT
500mV/div
OUTPUT
500mV/div
RL = 150
Ω
MAX4352/MAX4353/MAX4354
LARGE-SIGNAL PULSE RESPONSE
MAX4452/3/4 toc17
50ns/div
INPUT
100mV/div
OUTPUT
500mV/div
RL = 150
Ω
100k
10M
1M
100M
1G
CLOSED-LOOP OUTPUT
IMPEDANCE vs. FREQUENCY
FREQUENCY (Hz)
1000
0.1
1
10
100
0
10k
100k
1M
10M
100M
1G
-10
-30
-20
-40
-50
-60
-70
-90
FREQUENCY (Hz)
CROSSTALK vs. FREQUENCY
-80
100
1k
10k
100k
RLOAD (
Ω)
120
0
20
40
60
80
100
OPEN-LOOP GAIN
vs. LOAD RESISTANCE
100k
1M
10M
1G
FREQUENCY (Hz)
0
-90
-60
-70
-80
-50
-30
-40
-10
-20
POWER-SUPPLY REJECTION
vs. FREQUENCY
100M
Typical Operating Characteristics (continued)
(VCC = +5V, VEE = 0, VCM = +1.75V, AVCL = +1V/V (MAX4452/MAX4453/MAX4454), AVCL = +5V/V (MAX4352/MAX4353/MAX4354),
RL = 1k
Ω to VCC/2, CL = 5pF, TA = +25°C, unless otherwise noted.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com