Electronic Components Datasheet Search
  English  ▼

X  

MAX4492ASD Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MAX4492ASD
Description  Low-Cost, High-Slew-Rate, Rail-to-Rail I/O Op Amps in SC70
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4492ASD Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAX4492ASD Datasheet HTML 1Page - Maxim Integrated Products MAX4492ASD Datasheet HTML 2Page - Maxim Integrated Products MAX4492ASD Datasheet HTML 3Page - Maxim Integrated Products MAX4492ASD Datasheet HTML 4Page - Maxim Integrated Products MAX4492ASD Datasheet HTML 5Page - Maxim Integrated Products MAX4492ASD Datasheet HTML 6Page - Maxim Integrated Products MAX4492ASD Datasheet HTML 7Page - Maxim Integrated Products MAX4492ASD Datasheet HTML 8Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
For free samples and the latest literature, visit www.maxim-ic.com or phone 1-800-998-8800.
For small orders, phone 1-800-835-8769.
General Description
The MAX4490/MAX4491/MAX4492 single/dual/quad,
low-cost CMOS op amps feature Rail-to-Rail® input and
output capability from either a single +2.7V to +5.5V
supply or dual ±1.35V to ±2.75V supplies. These ampli-
fiers exhibit a high slew rate of 10V/µs and a gain-band-
width product of 10MHz. They can drive 2k
Ω resistive
loads to within 55mV of either supply rail and remain
unity-gain stable with capacitive loads up to 300pF.
The MAX4490 is offered in the ultra-small, 5-pin SC70
package, which is 50% smaller than the standard 5-pin
SOT23 package. Specifications for all parts are guaran-
teed over the automotive (-40°C to +125°C) tempera-
ture range.
Applications
Battery-Powered Instruments
Portable Equipment
Audio Signal Conditioning
Low-Power/Low-Voltage Applications
Sensor Amplifiers
RF Power Amplifier Control
High-Side/Low-Side Current Sensors
Features
o +2.7V to +5.5V Single-Supply Operation
o 10V/µs Slew Rate
o Rail-to-Rail Input Common-Mode Voltage Range
o Rail-to-Rail Output Voltage Swing
o 10MHz Gain-Bandwidth Product
o Unity-Gain Stable with Capacitive Loads
Up to 300pF
o 50pA Input Bias Current
o Ultra-Small, 5-Pin SC70 Package (MAX4490)
Low-Cost, High-Slew-Rate,
Rail-to-Rail I/O Op Amps in SC70
________________________________________________________________
Maxim Integrated Products
1
19-1525; Rev 1; 1/00
PART
MAX4490AXK-T
MAX4490AUK-T
MAX4491AKA-T -40°C to +125°C
-40°C to +125°C
-40°C to +125°C
TEMP. RANGE
PIN-
PACKAGE
5 SC70-5
5 SOT23-5
8 SOT23-8
Capacitive Load Stability
Ordering Information
Rail-to-Rail is a registered trademark of Nippon Motorola, Ltd.
MAX4492AUD
-40°C to +125°C
14 TSSOP
MAX4492ASD
-40°C to +125°C
14 SO
TOP
MARK
AAB
ADKQ
AADB
—
—
0
100
100k
10k
1k
2000
4000
3000
6000
1000
5000
RESISTIVE LOAD (
Ω)
UNSTABLE
STABLE
Pin Configurations/
Functional Diagrams
Pin Configurations continued at end of data sheet.
VSS
OUT
IN-
15
VDD
IN+
MAX4490
SOT23-5/SC70-5
2
34
TOP VIEW


Similar Part No. - MAX4492ASD

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4493 MAXIM-MAX4493 Datasheet
435Kb / 11P
SC70, Low-Power, General-Purpose, Dual-Supply, Rail-to-Rail Op Amps
Rev 1; 10/01
MAX4493 MAXIM-MAX4493 Datasheet
443Kb / 15P
SC70, Low-Power, General-Purpose, Dual-Supply, Rail-to-Rail Op Amps
Rev 2; 10/08
MAX4493AUK+T MAXIM-MAX4493AUK+T Datasheet
625Kb / 15P
SC70, Low-Power, General-Purpose, Dual-Supply, Rail-to-Rail Op Amps
Rev 3; 12/09
MAX4493AUK-T MAXIM-MAX4493AUK-T Datasheet
435Kb / 11P
SC70, Low-Power, General-Purpose, Dual-Supply, Rail-to-Rail Op Amps
Rev 1; 10/01
MAX4493AUK-T MAXIM-MAX4493AUK-T Datasheet
443Kb / 15P
SC70, Low-Power, General-Purpose, Dual-Supply, Rail-to-Rail Op Amps
Rev 2; 10/08
More results

Similar Description - MAX4492ASD

ManufacturerPart #DatasheetDescription
logo
Global Mixed-mode Techn...
G1214 GMT-G1214 Datasheet
333Kb / 5P
Rail-to-Rail I/O, High-Slew-Rate OP Amp
G1224 GMT-G1224 Datasheet
30Kb / 1P
Dual Rail-to-Rail I/O, High-Slew-Rate OP Amp
G1244 GMT-G1244 Datasheet
38Kb / 1P
Quad Rail-to-Rail I/O, High-Slew-Rate OP Amp
G1214 GMT-G1214_06 Datasheet
271Kb / 6P
Rail-to-Rail I/O, High-Slew-Rate OP Amp
logo
Unisonic Technologies
PA3211 UTC-PA3211 Datasheet
138Kb / 5P
RAIL TO RAIL I/O,HIGH-SLEW-RATE OP AMP
PA3211 UTC-PA3211_11 Datasheet
185Kb / 4P
RAIL TO RAIL I/O, HIGH-SLEW-RATE OP AMP
PA3211 UTC-PA3211_15 Datasheet
142Kb / 4P
RAIL TO RAIL I/O, HIGH-SLEW-RATE OP AMP
logo
Global Mixed-mode Techn...
G1224 GMT-G1224_15 Datasheet
33Kb / 1P
Dual Rail-to-Rail I/O, High-Slew-Rate OP Amp
G1214A GMT-G1214A_15 Datasheet
35Kb / 1P
Rail-to-Rail I/O, High-Slew-Rate OP Amp
G1214 GMT-G1214_15 Datasheet
38Kb / 1P
Rail-to-Rail I/O, High-Slew-Rate OP Amp
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com