Electronic Components Datasheet Search
  English  ▼

X  

MAX4492ASD Datasheet(PDF) 6 Page - Maxim Integrated Products

Part # MAX4492ASD
Description  Low-Cost, High-Slew-Rate, Rail-to-Rail I/O Op Amps in SC70
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4492ASD Datasheet(HTML) 6 Page - Maxim Integrated Products

  MAX4492ASD Datasheet HTML 1Page - Maxim Integrated Products MAX4492ASD Datasheet HTML 2Page - Maxim Integrated Products MAX4492ASD Datasheet HTML 3Page - Maxim Integrated Products MAX4492ASD Datasheet HTML 4Page - Maxim Integrated Products MAX4492ASD Datasheet HTML 5Page - Maxim Integrated Products MAX4492ASD Datasheet HTML 6Page - Maxim Integrated Products MAX4492ASD Datasheet HTML 7Page - Maxim Integrated Products MAX4492ASD Datasheet HTML 8Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
pole at frequency (2
πR′CIN)-1, where R′ is the parallel
combination of the gain-setting resistors for the invert-
ing or noninverting amplifier configuration (Figure 2). If
the pole frequency is less than or comparable to the
unity-gain bandwidth (10MHz), the phase margin will
be reduced, and the amplifier will exhibit degraded
AC performance through either ringing in the step
response or sustained oscillations. The pole frequency is
10MHz when R
′ = 3.2kΩ. To maximize stability, R′ <3kΩ
is recommended.
Applications that require rail-to-rail operation with mini-
mal loading (for small VDD - VOH and VOL - VSS) will
typically require R
′ values >3kΩ. To improve step
response under these conditions, connect a small
capacitor Cf between the inverting input and output.
Choose Cf as follows:
Cf = 5(R / Rf) [pf]
where Rf is the feedback resistor and R is the gain-set-
ting resistor (Figure 2).
Figure 3 shows the step response for a noninverting
amplifier subject to R
′ = 4kΩ with and without the Cf
feedback capacitor.
Low-Cost, High-Slew-Rate,
Rail-to-Rail I/O Op Amps in SC70
6
_______________________________________________________________________________________
Figure 1a. Output Source Current vs. Temperature
Figure 1b. Output Sink Current vs. Temperature
0
1
2
3
4
5
6
-40
-10
-25
5
20 35 50 65 80
125
95 110
TEMPERATURE (°C)
VDD - VOH = 200mV
VDD - VOH = 100mV
VDD - VOH = 50mV
VDD = +5.0V
VDD = +2.7V
0
1
2
3
4
5
6
7
8
9
-40
-10
-25
5
20 35
65
50
80
110
95
125
TEMPERATURE (°C)
VDD - VOH = 200mV
VDD - VOH = 100mV
VDD - VOH = 50mV
VDD = +5.0V
VDD = +2.7V
Figure 2. Inverting and Noninverting Amplifier with Feedback
Compensation
MAX4490
VIN
VOUT
R
′ = R || Rf
RfCf = RCIN
Rf
Cf
R
MAX4490
VIN
VOUT
R
′ = R || Rf
RfCf = RCIN
Rf
R
Cf
INVERTING
NONINVERTING



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com