Electronic Components Datasheet Search
  English  ▼

X  

MAX4352 Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX4352
Description  Low-Cost, 3V/5V, 620關A, 200MHz, Single-Supply Op Amps with Rail-to-Rail Outputs
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4352 Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX4352 Datasheet HTML 1Page - Maxim Integrated Products MAX4352 Datasheet HTML 2Page - Maxim Integrated Products MAX4352 Datasheet HTML 3Page - Maxim Integrated Products MAX4352 Datasheet HTML 4Page - Maxim Integrated Products MAX4352 Datasheet HTML 5Page - Maxim Integrated Products MAX4352 Datasheet HTML 6Page - Maxim Integrated Products MAX4352 Datasheet HTML 7Page - Maxim Integrated Products MAX4352 Datasheet HTML 8Page - Maxim Integrated Products MAX4352 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
Low-Cost, +3V/+5V, 620µA, 200MHz,
Single-Supply Op Amps with Rail-to-Rail Outputs
2
_______________________________________________________________________________________
ABSOLUTE MAXIMUM RATINGS
DC ELECTRICAL CHARACTERISTICS
(VCC = +5V, VCM = VCC/2 - 0.75V, VEE = 0, RL =
∞ to VCC/2, VOUT = VCC/2, TA = TMIN to TMAX, unless otherwise noted. Typical val-
ues are at TA = +25°C.) (Note 1)
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
Supply Voltage (VCC to VEE)..................................................+6V
Differential Input Voltage ......................................................2.5V
IN_-, IN_+, OUT_..............................(VCC + 0.3V) to (VEE - 0.3V)
Current into Input Pins (IN_+, IN_-) ..................................±20mA
Output Short-Circuit Duration to VCC, VEE ................Continuous
Continuous Power Dissipation (TA = +70°C)
5-Pin SC70 (derate 3.1mW/°C above +70°C) .............247mW
5 Pin SOT23 (derate 7.1mW/°C above +70°C) ...........571mW
8-Pin SOT23 (derate 8.9mW/°C above +70°C)...........741mW
8-Pin SO (derate 5.9mW/°C above +70°C).................471mW
14-Pin TSSOP (derate 6.3mW/°C above +70°C) ........500mW
14-Pin SO (derate 8mW/°C above +70°C)..................640mW
Operating Temperature Range ...........................-40°C to +85°C
Junction Temperature ......................................................+150°C
Storage Temperature Range .............................-65°C to +150°C
Lead Temperature (soldering, 10s) .................................+300°C
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Operating Supply Voltage
Range
VS
Guaranteed by PSRR test
2.7
5.25
V
VCC = + 5V
620
1200
Quiescent Supply Current
(Per Amplifier)
IS
VCC = +3V
530
µA
Input Common-Mode Voltage
Range
VCM
Guaranteed by CMRR test
VEE - 0.1
VCC - 1.5
V
Input Offset Voltage
VOS
0.4
12
mV
Input Offset Voltage
Temperature Coefficient
TCVOS
7
µV/°C
Input Offset Voltage Matching
MAX4453/MAX4454/MAX4353/MAX4354
±1
mV
Input Bias Current
IB
0.8
3
µA
Input Offset Current
IOS
0.1
µA
Differential mode,
-0.04V
≤ (VIN+ - VIN) ≤ +0.04V
120
k
Ω
Input Resistance
RIN
Common mode,
VEE - 0.1V
≤ VCM ≤ VCC - 1.5V
30
M
Ω
Common-Mode Rejection Ratio
CMRR
VEE - 0.1V
≤ VCM ≤ VCC - 1.5V
60
100
dB
Open-Loop Gain
AVOL
+0.5V
≤ VOUT ≤ +4.5V,
RL = 1k
Ω
60
80
dB
Sourcing
15
Output Current
IOUT
RL = 20
Ω connected to
VCC or VEE
Sinking
22
mA
VCC - VOH
180
400
Output Voltage Swing
VOUT
RL = 1k
Ω
VOL - VEE
75
350
mV
Sourcing
17
Output Short-Circuit Current
ISC
Sinking
24
mA
Power-Supply Rejection Ratio
PSRR
VCC = +2.7V to +5.25V, VCM = 0,
VOUT = 2V
60
70
dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com