Electronic Components Datasheet Search
  English  ▼

X  

MAX4352 Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # MAX4352
Description  Low-Cost, 3V/5V, 620關A, 200MHz, Single-Supply Op Amps with Rail-to-Rail Outputs
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4352 Datasheet(HTML) 3 Page - Maxim Integrated Products

  MAX4352 Datasheet HTML 1Page - Maxim Integrated Products MAX4352 Datasheet HTML 2Page - Maxim Integrated Products MAX4352 Datasheet HTML 3Page - Maxim Integrated Products MAX4352 Datasheet HTML 4Page - Maxim Integrated Products MAX4352 Datasheet HTML 5Page - Maxim Integrated Products MAX4352 Datasheet HTML 6Page - Maxim Integrated Products MAX4352 Datasheet HTML 7Page - Maxim Integrated Products MAX4352 Datasheet HTML 8Page - Maxim Integrated Products MAX4352 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
Low-Cost, +3V/+5V, 620µA, 200MHz,
Single-Supply Op Amps with Rail-to-Rail Outputs
_______________________________________________________________________________________
3
AC ELECTRICAL CHARACTERISTICS
(VCC = +5V, VEE = 0, VCM = +1.75V, RL = 1k
Ω to VCC/2, AVCL = +1V/V (MAX4452/MAX4453/MAX4454), AVCL = +5V/V
(MAX4352/MAX4353/MAX4354), TA = +25°C, unless otherwise noted.)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
MAX4452/MAX4453/
MAX4454
200
Small Signal -3dB Bandwidth
BWSS
VOUT = 100mVp-p
MAX4352/MAX4353/
MAX4354
80
MHz
MAX4452/MAX4453/
MAX4454
15
Large Signal -3dB Bandwidth
BWLS
VOUT = 2Vp-p
MAX4352/MAX4353/
MAX4354
38
MHz
MAX4452/MAX4453/
MAX4454
30
Bandwidth for 0.1dB Flatness
BW0.1dB
VOUT = 100mVp-p
MAX4352/MAX4353/
MAX4354
4
MHz
MAX4452/MAX4453/
MAX4454
95
Slew Rate
SR
VOUT = 2V step
MAX4352/MAX4353/
MAX4354
240
V/
µs
MAX4452/MAX4453/
MAX4454
20
Rise/Fall Time
tR, tF
VOUT = 2V step
10% to 90%
MAX4352/MAX4353/
MAX4354
8
ns
MAX4452/MAX4453/
MAX4454
40
ts 1%
VOUT = 2V step
MAX4352/MAX4353/
MAX4354
50
MAX4452/MAX4453/
MAX4454
50
Settling Time
ts 0.1%
VOUT = 2V step
MAX4352/MAX4353/
MAX4354
60
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com