Electronic Components Datasheet Search
  English  ▼

X  

MAX4518C/D Datasheet(PDF) 10 Page - Maxim Integrated Products

Part # MAX4518C/D
Description  Precision, 4-Channel/Dual 2-Channel, Low-Voltage, CMOS Analog Multiplexers
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4518C/D Datasheet(HTML) 10 Page - Maxim Integrated Products

Back Button MAX4518C/D Datasheet HTML 4Page - Maxim Integrated Products MAX4518C/D Datasheet HTML 5Page - Maxim Integrated Products MAX4518C/D Datasheet HTML 6Page - Maxim Integrated Products MAX4518C/D Datasheet HTML 7Page - Maxim Integrated Products MAX4518C/D Datasheet HTML 8Page - Maxim Integrated Products MAX4518C/D Datasheet HTML 9Page - Maxim Integrated Products MAX4518C/D Datasheet HTML 10Page - Maxim Integrated Products MAX4518C/D Datasheet HTML 11Page - Maxim Integrated Products MAX4518C/D Datasheet HTML 12Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
Precision, 4-Channel/Dual 2-Channel,
Low-Voltage, CMOS Analog Multiplexers
10
______________________________________________________________________________________
∆VOUT
+3V
0V
LOGIC
INPUT
VEN
+5V
VOUT
-5V
GND
V+
A1
V-
A0
EN
COM
MAX4518
MAX4519
CL = 1000nF
VOUT
NO
CHANNEL
SELECT
RS
VS
ON
OFF
OFF
∆VOUT IS THE MEASURED VOLTAGE DUE TO CHARGE TRANSFER
ERROR Q WHEN THE CHANNEL TURNS OFF.
Q =
∆VOUT x CL
VEN
Figure 5. Charge Injection
_________________________________Test Circuits/Timing Diagrams (continued)
MEASUREMENTS ARE STANDARDIZED AGAINST SHORT AT SOCKET TERMINALS.
OFF ISOLATION IS MEASURED BETWEEN COM AND “OFF” TERMINAL ON EACH SWITCH.
ON LOSS IS MEASURED BETWEEN COM AND “ON” TERMINAL ON EACH SWITCH.
CROSSTALK IS MEASURED BETWEEN COMA AND COMB
TERMINALS ON EACH DEVICE.
SIGNAL DIRECTION THROUGH SWITCH IS REVERSED; WORST VALUES ARE RECORDED.
NOTES:
V+
V+
V+
VOUT
GND
V-
V-
V+
A
EN
NO
COM
VIN
MAX4518
MAX4519
OFF ISOLATION = 20log
VOUT
VIN
ON LOSS = 20log
VOUT
VIN
CROSSTALK = 20log
VOUT
VIN
NETWORK
ANALYZER
50
Ω
50
Ω
50
Ω
50
Ω
MEAS.
REF
10nF
10nF
+5V
-5V
GND
V+
A2
V-
A1
A0
NO8
MAX4518
MAX4519
CHANNEL
SELECT
NO1
COM
EN
1MHz
CAPACITANCE
ANALYZER
f = 1MHz
Figure 6. Off Isolation, On Loss, Crosstalk
Figure 7. NO/COM Capacitance



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com