Electronic Components Datasheet Search
  English  ▼

X  

MAX4518C/D Datasheet(PDF) 11 Page - Maxim Integrated Products

Part # MAX4518C/D
Description  Precision, 4-Channel/Dual 2-Channel, Low-Voltage, CMOS Analog Multiplexers
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4518C/D Datasheet(HTML) 11 Page - Maxim Integrated Products

Back Button MAX4518C/D Datasheet HTML 4Page - Maxim Integrated Products MAX4518C/D Datasheet HTML 5Page - Maxim Integrated Products MAX4518C/D Datasheet HTML 6Page - Maxim Integrated Products MAX4518C/D Datasheet HTML 7Page - Maxim Integrated Products MAX4518C/D Datasheet HTML 8Page - Maxim Integrated Products MAX4518C/D Datasheet HTML 9Page - Maxim Integrated Products MAX4518C/D Datasheet HTML 10Page - Maxim Integrated Products MAX4518C/D Datasheet HTML 11Page - Maxim Integrated Products MAX4518C/D Datasheet HTML 12Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
COM
NO1
NO2
NO3
NO4
A0
A1
EN
V+
V-
GND
MAX4518
MAX4519
COMA
COMB
NO2A
NO1A
NO2B
NO1B
A0
A1
EN
V+
V-
GND
Precision, 4-Channel/Dual 2-Channel,
Low-Voltage, CMOS Analog Multiplexers
______________________________________________________________________________________
11
__________________________________________Functional Diagrams/Truth Tables
_____________________________________________Pin Configurations (continued)
A1
A0
EN
ON SWITCH
X
0
0
1
1
X
0
1
0
1
0
1
1
1
1
NONE
NO1
NO2
NO3
NO4
A1
A0
EN
ON SWITCH
X
0
0
1
1
X
0
1
0
1
0
1
1
1
1
NONE
N01A, NO1B
N02A, NO1B
N01A, NO2B
N02A, NO2B
LOGIC "O" VAL ≤ +0.8 V, LOGIC "1" VAH ≥ +2.4 V
MAX4518
MAX4519
TOP VIEW
14
13
12
11
10
9
8
1
2
3
4
5
6
7
A1
GND
V+
NO3
NO1
V-
EN
A0
MAX4518
NO4
N.C.
N.C.
N.C.
COM
NO2
DIP/SO
LOGIC
N.C. = NOT INTERNALLY CONNECTED
14
13
12
11
10
9
8
1
2
3
4
5
6
7
A1
GND
V+
NO1B
NO1A
V-
EN
A0
MAX4519
NO2B
COMB
N.C.
N.C.
COMA
NO2A
DIP/SO
LOGIC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com