Electronic Components Datasheet Search
  English  ▼

X  

MAX4512C/D Datasheet(PDF) 10 Page - Maxim Integrated Products

Part # MAX4512C/D
Description  Quad, Rail-to-Rail, Fault-Protected, SPST Analog Switches
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4512C/D Datasheet(HTML) 10 Page - Maxim Integrated Products

Back Button MAX4512C/D Datasheet HTML 6Page - Maxim Integrated Products MAX4512C/D Datasheet HTML 7Page - Maxim Integrated Products MAX4512C/D Datasheet HTML 8Page - Maxim Integrated Products MAX4512C/D Datasheet HTML 9Page - Maxim Integrated Products MAX4512C/D Datasheet HTML 10Page - Maxim Integrated Products MAX4512C/D Datasheet HTML 11Page - Maxim Integrated Products MAX4512C/D Datasheet HTML 12Page - Maxim Integrated Products MAX4512C/D Datasheet HTML 13Page - Maxim Integrated Products MAX4512C/D Datasheet HTML 14Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
Quad, Rail-to-Rail, Fault-Protected,
SPST Analog Switches
10
______________________________________________________________________________________
(NO) switch is shown; the normally closed (NC) config-
uration is identical except the logic-level translator
becomes an inverter. The analog switch is formed by
the parallel combination of N-channel FET N1 and P-
channel FET P1, which are driven on and off simultane-
ously according to the input fault condition and the
logic-level state.
Normal Operation
Two comparators continuously compare the voltage on
the NO_ (or NC_) pin with V+ and V-. When the signal
on NO_ or NC_ is between V+ and V- the switch acts
normally, with FETs N1 and P1 turning on and off in
response to IN_ signals. The parallel combination of
N1 and P1 forms a low-value resistor between NO_ (or
NC_) and COM_ so that signals pass equally well in
either direction.
Positive Fault Condition
When the signal on NO_ (or NC_) exceeds V+ by about
50mV, the high-fault comparator output is high, turning
off FETs N1 and P1. This makes the NO_ (or NC_) pin
high impedance regardless of the switch state. If the
switch state is “off”, all FETs are turned off and both
NO_ (or NC_) and COM_ are high impedance. If the
switch state is “on”, FET P2 is turned on, sourcing cur-
rent from V+ to COM_.
Negative Fault Condition
When the signal on NO_ (or NC_) exceeds V- by about
50mV, the low-fault comparator output is high, turning
off FETs N1 and P1. This makes the NO_ (or NC_) pin
high impedance regardless of the switch state. If the
switch state is “off,” all FETs are turned off and both
NO_ (or NC_) and COM_ are high impedance. If the
switch state is “on,” FET N2 is turned on, sinking cur-
rent from COM_ to V-.
Transient Fault Response and Recovery
When a fast rise-time and fall-time transient on IN_
exceeds V+ or V-, the output (COM_) follows the input
(IN_) to the supply rail with only a few nanoseconds
delay. This delay is due to the switch on-resistance and
circuit capacitance to ground. When the input transient
returns to within the supply rails, however, there is a
longer output recovery time delay. For positive faults, the
recovery time is typically 3.5µs. For negative faults, the
recovery time is typically 1.3µs. These values depend on
the COM_ output resistance and capacitance, and are
not production tested or guaranteed. The delays are not
dependent on the fault amplitude. Higher COM_ output
resistance and capacitance increase recovery times.
COM_ and IN_ Pins
FETs N2 and P2 can source about ±10mA from V+ or V-
to the COM_ pin in the fault condition. Ensure that if the
COM_ pin is connected to a low-resistance load, the
absolute maximum current rating of 30mA is never
exceeded, both in normal and fault conditions.
The GND, COM_, and IN_ pins do not have fault protec-
tion. Reverse ESD-protection diodes are internally con-
nected between GND, COM_, IN_ and both V+ and V-. If
a signal on GND, COM_, or IN_ exceeds V+ or V- by
more than 300mV, one of these diodes will conduct
heavily. During normal operation these reverse-biased
ESD diodes leak a few nanoamps of current to V+ and V-.
Fault-Protection Voltage and Power Off
The maximum fault voltage on the NC_ or NO_ pins is
±36V with power applied and ±40V with power off.
Failure Modes
The MAX4511/MAX4512/MAX4513 are not lightning
arrestors or surge protectors.
Exceeding the fault-protection voltage limits on NO_ or
NC_, even for very short periods, can cause the device
to fail. The failure modes may not be obvious, and fail-
ure in one switch may or may not affect other switches
in the same package.
Ground
There is no connection between the analog signal
paths and GND. The analog signal paths consist of an
N-channel and P-channel MOSFET with their sources
and drains paralleled and their gates driven out of
phase to V+ and V- by the logic-level translators.
V+ and GND power the internal logic and logic-level
translators and set the input logic thresholds. The logic-
level translators convert the logic levels to switched V+
and V- signals to drive the gates of the analog switch-
es. This drive signal is the only connection between the
power supplies and the analog signals. GND, IN_, and
COM_ have ESD-protection diodes to V+ and V-.
IN_ Logic-Level Thresholds
The logic-level thresholds are CMOS and TTL compati-
ble when V+ is +15V. As V+ is raised the threshold
increases slightly, and when V+ reaches 25V the level
threshold is about 2.8V—above the TTL output high
level minimum of 2.4V, but still compatible with CMOS
outputs (see
Typical Operating Characteristics).
Increasing V- has no effect on the logic-level thresholds,
but it does increase the gate-drive voltage to the signal
FETs, reducing their on-resistance.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com