Electronic Components Datasheet Search
  English  ▼

X  

MAX4512C/D Datasheet(PDF) 14 Page - Maxim Integrated Products

Part # MAX4512C/D
Description  Quad, Rail-to-Rail, Fault-Protected, SPST Analog Switches
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4512C/D Datasheet(HTML) 14 Page - Maxim Integrated Products

Back Button MAX4512C/D Datasheet HTML 8Page - Maxim Integrated Products MAX4512C/D Datasheet HTML 9Page - Maxim Integrated Products MAX4512C/D Datasheet HTML 10Page - Maxim Integrated Products MAX4512C/D Datasheet HTML 11Page - Maxim Integrated Products MAX4512C/D Datasheet HTML 12Page - Maxim Integrated Products MAX4512C/D Datasheet HTML 13Page - Maxim Integrated Products MAX4512C/D Datasheet HTML 14Page - Maxim Integrated Products MAX4512C/D Datasheet HTML 15Page - Maxim Integrated Products MAX4512C/D Datasheet HTML 16Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 14 / 16 page
background image
Quad, Rail-to-Rail, Fault-Protected,
SPST Analog Switches
14
______________________________________________________________________________________
NC1 COM1
IN1 IN2
COM2
V-
GND
NC4
COM4
IN4 IN3 COM3
0.086"
(2.261mm)
0.138"
(3.51mm)
V+
NC2
NC3
MAX4511
NO1
NO2
COM1 IN1
IN2 COM2
V-
GND
COM4
NO4
IN4 IN3
NO3
COM3
0.086"
(2.261mm)
V+
MAX4512
0.138"
(3.51mm)
PART
MAX4512CPE
0°C to +70°C
TEMP. RANGE
PIN-PACKAGE
16 Plastic DIP
MAX4512CSE
0°C to +70°C
16 Narrow SO
MAX4512C/D
0°C to +70°C
Dice*
MAX4512EPE
-40°C to +85°C
16 Plastic DIP
MAX4512ESE
-40°C to +85°C
16 Narrow SO
MAX4512MJE
-55°C to +125°C
16 CERDIP
MAX4513CPE
0°C to +70°C
16 Plastic DIP
MAX4513CSE
0°C to +70°C
16 Narrow SO
MAX4513C/D
0°C to +70°C
Dice*
MAX4513EPE
-40°C to +85°C
16 Plastic DIP
MAX4513ESE
-40°C to +85°C
16 Narrow SO
MAX4513MJE
-55°C to +125°C
16 CERDIP
Ordering Information (continued)
*
Contact factory for dice specifications.
Chip Topographies
NO1
NC2
COM1
IN1 IN2 COM2
V-
GND
COM4
NO4
IN4 IN3
NC3
COM3
V+
MAX4513
0.086"
(2.261mm)
0.138"
(3.51mm)
TRANSISTOR COUNT: 139
SUBSTRATE CONNECTED TO: V+



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com