Electronic Components Datasheet Search
  English  ▼

X  

83056 Datasheet(PDF) 6 Page - Integrated Device Technology

Part # 83056
Description  Maximum output frequency
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

83056 Datasheet(HTML) 6 Page - Integrated Device Technology

Back Button 83056 Datasheet HTML 2Page - Integrated Device Technology 83056 Datasheet HTML 3Page - Integrated Device Technology 83056 Datasheet HTML 4Page - Integrated Device Technology 83056 Datasheet HTML 5Page - Integrated Device Technology 83056 Datasheet HTML 6Page - Integrated Device Technology 83056 Datasheet HTML 7Page - Integrated Device Technology 83056 Datasheet HTML 8Page - Integrated Device Technology 83056 Datasheet HTML 9Page - Integrated Device Technology 83056 Datasheet HTML 10Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
6:1, SINGLE-ENDED MULTIPLEXER
83056 DATA SHEET
6
REVISION B 3/20/15
TABLE 5D. AC CHARACTERISTICS, V
DD
= V
DDO
= 2.5V ± 5%, TA = -40°C TO 85°C
TABLE 5E. AC CHARACTERISTICS, V
DD
= 2.5V ± 5%, V
DDO
= 1.8V ± -5%, TA = -40°C TO 85°C
Symbol
Parameter
Test Conditions
Minimum
Typical
Maximum
Units
f
MAX
Output Frequency
250
MHz
tp
LH
Propagation Delay, Low to High; NOTE 1
2.5
3.0
3.5
ns
tp
HL
Propagation Delay, High to Low; NOTE 1
2.5
2.9
3.4
ns
tsk(i)
Input Skew; NOTE 2
60
175
ps
tjit
Buffer Additive Phase Jitter, RMS;
refer to Additive Phase Jitter Section;
NOTE 3
155.52MHz,
(12kHz to 20MHz)
0.21
ps
tsk(pp)
Part-to-Part Skew; NOTE 2, 4
300
ps
t
R
/ t
F
Output Rise/Fall Time
20% to 80%
100
500
ps
odc
Output Duty Cycle
40
60
%
MUX
ISOL
MUX Isolation
@ 100MHz
45
dB
NOTE 1: Measured from V
DD
/2 of the input to V
DDO
/2 of the output.
NOTE 2: This parameter is defined in accordance with JEDEC Standard 65.
NOTE 3: Driving only one input clock.
NOTE 4: Defined as skew between outputs on different devices operating a the same supply voltages and
with equal load conditions. Using the same type of input on each device, the output is measured at V
DDO
/2.
Symbol
Parameter
Test Conditions
Minimum
Typical
Maximum
Units
f
MAX
Output Frequency
250
MHz
tp
LH
Propagation Delay, Low to High; NOTE 1
2.6
3.3
4.0
ns
tp
HL
Propagation Delay, High to Low; NOTE 1
2.7
3.3
4.0
ns
tsk(i)
Input Skew; NOTE 2
50
150
ps
tjit
Buffer Additive Phase Jitter, RMS;
refer to Additive Phase Jitter Section;
NOTE 3
155.52MHz,
(12kHz to 20MHz)
0.17
ps
tsk(pp)
Part-to-Part Skew; NOTE 2, 4
325
ps
t
R
/ t
F
Output Rise/Fall Time
20% to 80%
100
700
ps
odc
Output Duty Cycle
40
60
%
MUX
ISOL
MUX Isolation
@ 100MHz
45
dB
NOTE 1: Measured from V
DD
/2 of the input to V
DDO
/2 of the output.
NOTE 2: This parameter is defined in accordance with JEDEC Standard 65.
NOTE 3: Driving only one input clock.
NOTE 4: Defined as skew between outputs on different devices operating a the same supply voltages and
with equal load conditions. Using the same type of input on each device, the output is measured at V
DDO
/2.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com