Electronic Components Datasheet Search
  English  ▼

X  

83056 Datasheet(PDF) 1 Page - Integrated Device Technology

Part # 83056
Description  Maximum output frequency
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

83056 Datasheet(HTML) 1 Page - Integrated Device Technology

  83056 Datasheet HTML 1Page - Integrated Device Technology 83056 Datasheet HTML 2Page - Integrated Device Technology 83056 Datasheet HTML 3Page - Integrated Device Technology 83056 Datasheet HTML 4Page - Integrated Device Technology 83056 Datasheet HTML 5Page - Integrated Device Technology 83056 Datasheet HTML 6Page - Integrated Device Technology 83056 Datasheet HTML 7Page - Integrated Device Technology 83056 Datasheet HTML 8Page - Integrated Device Technology 83056 Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
6:1, Single-Ended Multiplexer
83056
DATASHEET
83056 REVISION B 3/20/15
1
©2015 Integrated Device Technology, Inc.
GENERAL DESCRIPTION
The 83056 is a lo w skew, 6:1, Single-ended Multi-
plexer from IDT. The 83056 has six selectable single-
ended clock inputs and one single-ended clock output. The
output has a V
DDO
pin which may be set at 3.3V, 2.5V, or
1.8V, making the device ideal for use in voltage transla-
tion applications. An output enable pin places the output in
a high impedance state which may be useful for testing or
debug purposes. The device operates up to 250MHz and is pack-
aged in a 16 TSSOP package.
BLOCK DIAGRAM
PIN ASSIGNMENT
FEATURES
• 6:1 single-ended multiplexer
• Q nominal output impedance: 7
Ω (V
DDO
= 3.3V)
• Maximum output frequency: 250MHz
• Propagation delay: 3ns (maximum), V
DD
= V
DDO
= 3.3V
• Input skew: 225ps (maximum), V
DD
= V
DDO
= 3.3V
• Part-to-part skew: 475ps (maximum), V
DD
= V
DDO
= 3.3V
• Additive phase jitter, RMS: 0.19ps (typical), 3.3V/3.3V
• Operating supply modes:
V
DD
/V
DDO
3.3V/3.3V
3.3V/2.5V
3.3V/1.8V
2.5V/2.5V
2.5V/1.8V
• -40°C to 85°C ambient operating temperature
• Available in lead-free (RoHS 6) package
83056
16-Lead TSSOP
4.4mm x 5.0mm x 0.92mm package body
G Package
Top View
CLK0
CLK1
CLK2
CLK3
CLK4
CLK5
SEL2
SEL1
SEL0
OE
Q


Similar Part No. - 83056

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
83056 IDT-83056 Datasheet
151Kb / 15P
6:1, Single-Ended Multiplexer
logo
Renesas Technology Corp
83056 RENESAS-83056 Datasheet
346Kb / 16P
6:1, Single-Ended Multiplexer
March 10, 2016
logo
Integrated Circuit Syst...
83056AGI ICST-83056AGI Datasheet
157Kb / 13P
6:1, SINGLE-ENDED MULTIPLEXER
REV. A JANUARY 18, 2006
logo
Renesas Technology Corp
83056AGI-01 RENESAS-83056AGI-01 Datasheet
833Kb / 15P
6-BIT, 2:1, SINGLE-ENDED LVCMOS MULTIPLEXER
JANUARY 29, 2009
83056AGI-01LF RENESAS-83056AGI-01LF Datasheet
833Kb / 15P
6-BIT, 2:1, SINGLE-ENDED LVCMOS MULTIPLEXER
JANUARY 29, 2009
More results

Similar Description - 83056

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
ICS853S12I IDT-ICS853S12I Datasheet
336Kb / 17P
Maximum output frequency
ICS859S0412I IDT-ICS859S0412I Datasheet
679Kb / 23P
Maximum output frequency
83054 IDT-83054 Datasheet
170Kb / 14P
Maximum output frequency
83918 IDT-83918 Datasheet
266Kb / 19P
Maximum output frequency
83940D IDT-83940D Datasheet
220Kb / 16P
Maximum output frequency
83947 IDT-83947 Datasheet
122Kb / 10P
Maximum output frequency
ICS853S012I IDT-ICS853S012I Datasheet
476Kb / 22P
Maximum output frequency
ICS853S54I IDT-ICS853S54I Datasheet
478Kb / 21P
Maximum output frequency
ICS8530-01 IDT-ICS8530-01 Datasheet
149Kb / 17P
Maximum output frequency
logo
Analog Devices
AD9528 AD-AD9528 Datasheet
1Mb / 68P
Maximum output frequency
Rev. C
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com