Electronic Components Datasheet Search
  English  ▼

X  

85356 Datasheet(PDF) 1 Page - Integrated Device Technology

Part # 85356
Description  Propagation delay
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

85356 Datasheet(HTML) 1 Page - Integrated Device Technology

  85356 Datasheet HTML 1Page - Integrated Device Technology 85356 Datasheet HTML 2Page - Integrated Device Technology 85356 Datasheet HTML 3Page - Integrated Device Technology 85356 Datasheet HTML 4Page - Integrated Device Technology 85356 Datasheet HTML 5Page - Integrated Device Technology 85356 Datasheet HTML 6Page - Integrated Device Technology 85356 Datasheet HTML 7Page - Integrated Device Technology 85356 Datasheet HTML 8Page - Integrated Device Technology 85356 Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
DATA SHEET
2:1, Differential-to-3.3V Dual
LVPECL/ECL Clock Multiplexer
85356
85356 Rev C 1/5/15
1
©2015 Integrated Device Technology, Inc.
General Description
The 85356 is a dual 2:1 Differential-to-LVPECL Multiplexer. The
device has both common select and individual select inputs. When
COM_SEL is logic High, the CLKxx input pairs will be passed to the
output. When COM_SEL is logic Low, the output is determined by
the setting of the SEL0 pin for channel 0 and the SEL1 pin for
Channel 1.
The differential input has a common mode range that can accept
most differential input types such as LVPECL, LVDS, LVHSTL,
SSTL, and HCSL. The 85356 can therefore be used as a differential
translator to translate almost any differential input type to LVPECL. It
can also be used in ECL mode by setting V
CC = 0V and VEE to -3.0V
to - 3.8V.
The 85356 adds negligible jitter to the input clock and can operate at
high frequencies in excess of 900MHz thus making
it ideal for use in demanding applications such as SONET,
Fibre Channel, 1 Gigabit/10 Gigabit Ethernet.
Features
• High speed differential muliplexer. The device can be configured
as a 2:1 multiplexer
• Dual 3.3V LVPECL outputs
• Selectable differential CLKx/nCLKx input pairs
• Differential CLKx/nCLKx pairs can accept the following interface
levels: LVPECL, LVDS, LVHSTL, HCSL, SSTL
• Output frequency: 900MHz (typical)
• Translates any single-ended input signal to 3.3V LVPECL levels
with resistor bias on nCLKx input
• Output skew: 75ps (typical)
• Propagation delay: 1.15ns (typical)
• LVPECL mode operating voltage supply range:
VCC = 3V to 3.8V, VEE = 0V
• ECL mode operating voltage supply range:
VCC = 0V, VEE = -3V to -3.8V
• -40°C to 85°C ambient operating temperature
• Available in lead-free (RoHS 6) package
1
2
3
4
5
6
7
8
9
10
20
19
18
17
16
15
14
13
12
11
CLK1B
nc
nCLK1A
CLK1A
nCLK0B
CLK0B
nc
nCLK0A
CLK0A
nCLK1B
VCC
Q0
nQ0
SEL0
COM_SEL
SEL1
VCC
Q1
nQ1
VEE
Pin Assignment
85356
20-Lead SOIC
7.5mm x 12.8mm x 2.3mm package body
M Package
Top View
85356
20-Lead TSSOP
6.5mm x 4.4mm x 0.92mm package body
G Package
Top View
Block Diagram
Q0
nQ0
COM_SEL
SEL0
SEL1
CLK0A
nCLK0A
0
1
Pulldown
Pullup
Pullup
Pulldown
CLK0B
CLK0B
Pulldown
Pullup
Q1
nQ1
CLK1A
nCLK1A
0
1
Pulldown
Pullup
CLK1B
CLK1B
Pulldown
Pullup
Pullup


Similar Part No. - 85356

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
85356 RENESAS-85356 Datasheet
807Kb / 16P
2:1, Differential-to-3.3V Dual LVPECL/ECL Clock Multiplexer
2019
85356AGILF RENESAS-85356AGILF Datasheet
807Kb / 16P
2:1, Differential-to-3.3V Dual LVPECL/ECL Clock Multiplexer
2019
85356AGILFT RENESAS-85356AGILFT Datasheet
807Kb / 16P
2:1, Differential-to-3.3V Dual LVPECL/ECL Clock Multiplexer
2019
85356AMILF RENESAS-85356AMILF Datasheet
807Kb / 16P
2:1, Differential-to-3.3V Dual LVPECL/ECL Clock Multiplexer
2019
85356AMILFT RENESAS-85356AMILFT Datasheet
807Kb / 16P
2:1, Differential-to-3.3V Dual LVPECL/ECL Clock Multiplexer
2019
More results

Similar Description - 85356

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
MM74HC573WM FAIRCHILD-MM74HC573WM Datasheet
104Kb / 8P
Typical propagation delay: 18 ns
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-7721-520 AVAGO-HCPL-7721-520 Datasheet
292Kb / 18P
40 ns Propagation Delay, CMOS Optocoupler
HCPL-0720-500E AVAGO-HCPL-0720-500E Datasheet
292Kb / 18P
40 ns Propagation Delay, CMOS Optocoupler
logo
Integrated Device Techn...
ICS859S0212I IDT-ICS859S0212I Datasheet
668Kb / 23P
Propagation delay
logo
AVAGO TECHNOLOGIES LIMI...
ACNV3130 AVAGO-ACNV3130 Datasheet
177Kb / 14P
500 ns maximum propagation delay
ACPL-P343 AVAGO-ACPL-P343 Datasheet
283Kb / 20P
200 ns maximum propagation delay
logo
Maxim Integrated Produc...
USB2GPIOISO MAXIM-USB2GPIOISO Datasheet
1Mb / 8P
Low Propagation Delay 10ns, Typical
Rev 0; 4/18
MAX40026EVKIT MAXIM-MAX40026EVKIT Datasheet
591Kb / 8P
Fast Propagation Delay: 280ps typ
319-100332; Rev 0; 3/19
MAX40009EVKIT MAXIM-MAX40009EVKIT Datasheet
1Mb / 11P
300ns Propagation Delay
Rev 1; 6/17
MAX49140EVKIT MAXIM-MAX49140EVKIT Datasheet
385Kb / 5P
Fast, 30ns Propagation Delay (10mV Overdrive)
319-100518; Rev 0; 4/20
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com