Electronic Components Datasheet Search
  English  ▼

X  

85356 Datasheet(PDF) 12 Page - Integrated Device Technology

Part # 85356
Description  Propagation delay
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

85356 Datasheet(HTML) 12 Page - Integrated Device Technology

Back Button 85356 Datasheet HTML 7Page - Integrated Device Technology 85356 Datasheet HTML 8Page - Integrated Device Technology 85356 Datasheet HTML 9Page - Integrated Device Technology 85356 Datasheet HTML 10Page - Integrated Device Technology 85356 Datasheet HTML 11Page - Integrated Device Technology 85356 Datasheet HTML 12Page - Integrated Device Technology 85356 Datasheet HTML 13Page - Integrated Device Technology 85356 Datasheet HTML 14Page - Integrated Device Technology 85356 Datasheet HTML 15Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 12 / 15 page
background image
Rev C 1/5/15
12
2:1, DIFFERENTIAL-TO-3.3V DUAL LVPECL/ECL CLOCK
MULTIPLEXER
85356 DATA SHEET
Package Outlines and Package Dimensions
Package Outline - G Suffix for 20 Lead TSSOP
Table 7A. Package Dimensions
Reference Document: JEDEC Publication 95, MO-153
Package Outline - M Suffix for 20 Lead SOIC
Table 7B. Package Dimensions for 20 Lead SOIC
Reference Document: JEDEC Publication 95, MS-013, MS-119
All Dimensions in Millimeters
Symbol
Minimum
Maximum
N
20
A
1.20
A1
0.05
0.15
A2
0.80
1.05
b
0.19
0.30
c
0.09
0.20
D
6.40
6.60
E
6.40 Basic
E1
4.30
4.50
e
0.65 Basic
L
0.45
0.75
0°
8°
aaa
0.10
300 Millimeters
All Dimensions in Millimeters
Symbol
Minimum
Maximum
N
20
A
2.65
A1
0.10
A2
2.05
2.55
B
0.33
0.51
C
0.18
0.32
D
12.60
13.00
E
7.40
7.60
e
1.27 Basic
H
10.00
10.65
h
0.25
0.75
L
0.40
1.27
0°
7°



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com