Electronic Components Datasheet Search
  English  ▼

X  

MAX4534CSD Datasheet(PDF) 10 Page - Maxim Integrated Products

Part # MAX4534CSD
Description  Fault-Protected, High-Voltage, Single 4-to-1/Dual 2-to-1 Multiplexers
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4534CSD Datasheet(HTML) 10 Page - Maxim Integrated Products

Back Button MAX4534CSD Datasheet HTML 6Page - Maxim Integrated Products MAX4534CSD Datasheet HTML 7Page - Maxim Integrated Products MAX4534CSD Datasheet HTML 8Page - Maxim Integrated Products MAX4534CSD Datasheet HTML 9Page - Maxim Integrated Products MAX4534CSD Datasheet HTML 10Page - Maxim Integrated Products MAX4534CSD Datasheet HTML 11Page - Maxim Integrated Products MAX4534CSD Datasheet HTML 12Page - Maxim Integrated Products MAX4534CSD Datasheet HTML 13Page - Maxim Integrated Products MAX4534CSD Datasheet HTML 14Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
NO_ Input Voltage
The maximum allowable input voltage for safe opera-
tion depends on whether supplies are on or off and on
the load configuration at the COM output. If COM is
referred to a voltage other than ground, but within the
supplies, VNO_ may range higher or lower than the
supplies, provided the absolute value of VNO_ -
VCOM_ is less than 40V. For example, if the load is
referred to +10V at COM_, then the NO_ voltage range
can be from +50V to -30V. As another example, if the
load is connected to -10V at COM_, the NO_ voltage
range is limited to -50V to +30V.
If the supplies are ±15V and COM is referenced to
ground through a load, the maximum NO_ voltage is
±36V. If the supplies are off and the COM output is ref-
erenced to ground, the maximum NO_ voltage is ±40V.
Normal Operation
Two comparators continuously compare the voltage on
the NO_ pin with V+ and V- supply voltages. When the
signal on NO_ is between V+ and V-, the multiplexer
behaves normally, with FETs N1 and P1 turning on and
off in response to A_ signals (Figure 1). The parallel
combination of N1 and P1 forms a low-value resistor
between NO_ and COM_ so that signals pass equally
well in either direction.
Positive Fault Condition
When the signal on NO_ exceeds V+ by about 150mV,
the positive fault comparator output goes high, turning
off FETs N1 and P1 (Figure 1). This makes the NO_ pin
high impedance regardless of the switch state. If the
switch state is “off,” all FETs turn off, and both NO_ and
COM_ are high impedance. If the switch state is “on,”
FET P2 turns on, clamping COM_ to V+.
Negative Fault Condition
When the signal on NO_ goes about 150mV below V-,
the negative fault comparator output goes high, turning
off FETs N1 and P1 (Figure 1). This makes the NO pin
high impedance regardless of the switch state. If the
switch state is “off,” all FETs turn off, and both NO_ and
COM_ are high impedance. If the switch state is “on,”
FET N2 turns on, clamping COM_ to V-.
Fault-Protected, High-Voltage,
Single 4-to-1/Dual 2-to-1 Multiplexers
10
______________________________________________________________________________________
NORMALLY OPEN SWITCH CONSTRUCTION
COM_
P2
MAX4534
MAX4535
P1
N1
ON
LOW
FAULT
HIGH
FAULT
V+
NO_
A_
GND
ESD DIODE
V-
N2
Figure 1. Functional Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com